Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 192 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 192 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 188Page - Renesas Technology Corp 7643 Datasheet HTML 189Page - Renesas Technology Corp 7643 Datasheet HTML 190Page - Renesas Technology Corp 7643 Datasheet HTML 191Page - Renesas Technology Corp 7643 Datasheet HTML 192Page - Renesas Technology Corp 7643 Datasheet HTML 193Page - Renesas Technology Corp 7643 Datasheet HTML 194Page - Renesas Technology Corp 7643 Datasheet HTML 195Page - Renesas Technology Corp 7643 Datasheet HTML 196Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 71 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.4 UART
Initialization
8016
0016
FF16
0016
4116
101100X02
XXXX01012
000000012
X00000012
0816
0X00X0002
4D16
010X00002
010X1X102
00XXXXXX2
3416
0016
6116
0016
6416
0016
00110X0X2
1X0X00012
X0X1XXX12
XX0000002
0016
0016
RESET
(Interrupt disabled)
(interrupt enabled)
CCR (Address : 1F16)
FSM1 (Address : 6D16)
FSM2 (Address : 6E16)
FSD (Address : 6F16)
FSC (Address : 6C16)
USBC (Address : 1316)
USBFIFOMR (Address : 5F16)
USBIE1 (Address : 5416)
USBINDEX (Address : 5816)
IN_MAXP (Address : 5B16)
IN_CSR (Address : 5916)
UBRG (Address : 3116)
UMOD (Address : 3016)
UCON (Address : 3316)
DMAIS (Address : 3F16)
DMA0SL (Address : 4216)
DMA0SH (Address : 4316)
DMA0DL (Address : 4416)
DMA0DH (Address : 4516)
DMA0CL (Address : 4616)
DMA0CH (Address : 4716)
DMA0M1 (Address : 4016)
DMA0M2 (Address : 4116)
ICONA (Address : 0516)
ICONB (Address : 0616)
IREQA (Address : 0216)
IREQB (Address : 0316)
.....
Refer to the USB initiral setting.
• USB initializing
Endpoint1FIFO : OUT128 bytes
Endpoint0, Endpoint1IN interrupt enabled
Max. packet size : 64 bytes
...
• UART initializing
φ as UART clock, 1 stop bit,
Parity checking disabled, 8-bit character length
CTS function disabled, RTS function enabled
Receive enabled
• DMA initializing
DMA0 selected
Source address : UART receive buffer
Destination address : USBFIFO1
Transmit byte : 64 bytes fixed
DMAC channel 0 source register increment : disabled
DMAC channel 0 destination register increment : disabled
DMAC channel 0 write control : Writing data in reload latch only
DMAC count register underflow : enabled
DMAC channel 0 transfer mode : cycle steal transfer mode
DMAC channel 0 hardware transfer request : UART receive interrupt
DMAC channel 0 : enabled
• Others
USB function interrupt : enabled
DMAC0 interrupt : enabled
UART receive buffer full interrupt : disabled
UART summing error interrupt : disabled
.....
q x: This bit is not used here. Set it to “0” or “1” arbitrarily.
Fig. 2.4.35 Control procedure (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com