Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 194 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 194 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 190Page - Renesas Technology Corp 7643 Datasheet HTML 191Page - Renesas Technology Corp 7643 Datasheet HTML 192Page - Renesas Technology Corp 7643 Datasheet HTML 193Page - Renesas Technology Corp 7643 Datasheet HTML 194Page - Renesas Technology Corp 7643 Datasheet HTML 195Page - Renesas Technology Corp 7643 Datasheet HTML 196Page - Renesas Technology Corp 7643 Datasheet HTML 197Page - Renesas Technology Corp 7643 Datasheet HTML 198Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 73 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.4 UART
2.4.7 Notes on UART
(1) Receive
•When any one of errors occurs, the summing error flag is set to “1” and the UART summing error
interrupt request bit is also set to “1”. If a receive error occurs, the reception does not set the UART
receive buffer full interrupt request bit to “1”.
•If the receive enable bit (REN) is set to “0” (disabled) while a data is being received, the receiving
operation will stop after the data has been received.
•Setting the receive initialization bit (RIN) to “1” resets the UART RTS control register (URTS) to
“8016”. After setting the RIN bit to “1”, set this URTS.
(2) Transmit
•Once the transmission starts, it continues until the last bit has been transmitted even though clearing
the transmit enable bit (TEN) to “0” (disabled) or inputting “H” to the CTS pin. After completion of
the current transmission, the transmission is disabled.
•The transmit complete flag (TCM) is changed from “1” to “0” later than 0.5 to 1.5 clocks of the shift
clock. Accordingly, take it in consideration to transmit data confirming the TCM flag after the data
is written into the transmit buffer register.
(3) Register settings
•If updating a value of UART baud rate generator while the data is being transmitted or received, be
sure to disable the transmission and reception before updating. If the former data remains in the
UART transmit buffer registers 1 and 2 at retransmission, an undefined data might be output.
•The all error flags PER, FER, OER and SER are cleared to “0” when the UART status register is
read, at the hardware reset or initialization by setting the Transmit Initialization Bit. These flags are
also cleared to “0” by execution of bit test instructions such as BBC and BCS.
•The transmit buffer empty flag (TBE) is set to “0” when the low-order byte of transmitted data is
written into the UART transmit buffer register 1. When using 9-bit character length, set the data into
the UART transmit buffer register 2 (high-order byte) first before the UART transmit buffer register
1 (low-order byte).
•The receive buffer full flag (RBF) is set to “0” when the contents of UART receive buffer register 1
is read out. When using 9-bit character length, read the data from the UART receive buffer register
2 (high-order byte) first before the UART receive buffer register 1 (low-order byte).
•If a character bit length is 7 bits, bit 7 of the UART transmit/receive buffer register 1 and bits 0 to
7 of the UART transmit/receive buffer register 2 are ignored at transmitting; they are invalid at
receiving.
If a character bit length is 8 bits, bits 0 to 7 of the UART transmit/receive buffer register 2 are
ignored at transmitting; they are invalid at receiving.
If a character bit length is 9 bits, bits 1 to 7 of the UART transmit/receive buffer register 2 are
ignored at transmitting; they are “0” at receiving.
•The reset cannot affect the contents of baud rate generator.
(4) UART address mode
•When the MSB of the incoming data is “0” in the UART address mode, the receive buffer full flag
(RBF) is set to “1”, but the receive buffer full interrupt request bit is not set to “1”.
•An overrun error cannot be detected after the first data has been received in UART address mode.
•The UART address mode can be used in either an 8-bit or 9-bit character length. 7-bit character
length cannot be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com