Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 197 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 197 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 193Page - Renesas Technology Corp 7643 Datasheet HTML 194Page - Renesas Technology Corp 7643 Datasheet HTML 195Page - Renesas Technology Corp 7643 Datasheet HTML 196Page - Renesas Technology Corp 7643 Datasheet HTML 197Page - Renesas Technology Corp 7643 Datasheet HTML 198Page - Renesas Technology Corp 7643 Datasheet HTML 199Page - Renesas Technology Corp 7643 Datasheet HTML 200Page - Renesas Technology Corp 7643 Datasheet HTML 201Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 76 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.5 DMAC
2.5.2 Related registers
(1) DMAC index and status register
•DMAC channel x (x = 0, 1) count register underflow flag (DxUF)
When the corresponding transfer count register Low (address 4616) underflows, this DxUF flag
is set to “1”. Writing “0” into this flag clears it.
•DMAC channel x (x = 0, 1) suspend flag (DxSFI)
When an interrupt routine is processed during any DMA operation, the transfer operation is
suspended and the DMAC automatically sets the corresponding DxSFI flag to “1”. As soon as
the CPU completes the interrupt operation, the DMAC clears the DxSFI flag to “0” and resumes
the original operation from the point where it was suspended.
•DMAC transfer suspend control bit (DTSC)
This bit specifies the transfer mode which can be suspended by an interrupt process.
•DMAC register reload disable bit (DRLDD)
If the DRLDD bit is “1”, when the DMAC channel x transfer count register underflows, the DMAC
channel x source registers and destination registers are disabled from being reloaded from their
latches.
•Channel index bit (DCI)
The related registers of channels 1 and 2 are assigned on the same SFR addresses. This DCI
bit specifies the accessible channel.
Fig. 2.5.2 Structure of DMAC index and status register
DMAC index and status register
b7 b6 b5 b4 b3 b2 b1 b0
DMAC index and status register
(DMAIS : address 3F16)
b
0
0
1
2
4
Name
0
Functions
At reset R W
0
0
0
0
DMAC channel 0 suspend
flag (D0SFI) (Note 1)
DMAC transfer suspend
control bit (DTSC) (Note 2)
DMAC channel 1 count
register underflow flag (D1UF)
0 : No underflow
1 : Underflow generated
0 : Not suspended
1 : Suspended
DMAC channel 1 suspend
flag (D1SFI) (Note 1)
0 : No underflow
1 : Underflow generated
5
0
DMAC register reload
disable bit (DRLDD)
(Note 3)
7
0
Channel index bit (DCI)
0 : Channel 0 accessible
1 : Channel 1 accessible
Accessed registers: Mode register,
source register, destination register,
transfer count register.
0
DMAC channel 0 count
register underflow flag (D0UF)
Nothing is arranged for this bit.
Fix this bit to “0”.
3
0 : Not suspended
1 : Suspended
0 :Suspending only burst transfers during
interrupt process
1 : Suspending both burst and cycle steal
transfers during interrupt process
0 :Enabling reload of source and
destination registers of both channels
1 : Disabling reload of source and
destination registers of both channels
6
✕
✕
Notes 1: Suspended by an interrupt.
2: Transfer suspended during interrupt process
3: This settings affect the source and destination registers of both channels.
✽
✽
✽: “0” can be set by software, but “1” cannot be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com