Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 199 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 199 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 195Page - Renesas Technology Corp 7643 Datasheet HTML 196Page - Renesas Technology Corp 7643 Datasheet HTML 197Page - Renesas Technology Corp 7643 Datasheet HTML 198Page - Renesas Technology Corp 7643 Datasheet HTML 199Page - Renesas Technology Corp 7643 Datasheet HTML 200Page - Renesas Technology Corp 7643 Datasheet HTML 201Page - Renesas Technology Corp 7643 Datasheet HTML 202Page - Renesas Technology Corp 7643 Datasheet HTML 203Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 78 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.5 DMAC
(3) DMAC channel x (x = 0, 1) mode register 2
•DMAC channel x software transfer trigger bit (DxSWT)
Writing “1” to the DxSWT bit can generate a transfer request as a software trigger. If all of
DMACx hardware transfer request source bits (DxHR) are “0”, the software trigger is only
transfer request factor. This bit is fixed to “0” at read.
•DMAC channel x transfer initiation source capture register reset bit (DxCRR)
Writing “1” to the DxCRR bit can reset the transfer initiation source capture register. The
request of the transfer initiation source is latched asynchronously and it is sampled into the
transfer initiation source capture register at a rising edge of
φ. This bit is fixed to “0” at read.
•DMAC channel x enable bit (DxCEN)
The DMAC channel x is enabled by setting this bit to “1”. When clearing this to “0”, the DMA
transfer is finished.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com