Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 195 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 195 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 191Page - Renesas Technology Corp 7643 Datasheet HTML 192Page - Renesas Technology Corp 7643 Datasheet HTML 193Page - Renesas Technology Corp 7643 Datasheet HTML 194Page - Renesas Technology Corp 7643 Datasheet HTML 195Page - Renesas Technology Corp 7643 Datasheet HTML 196Page - Renesas Technology Corp 7643 Datasheet HTML 197Page - Renesas Technology Corp 7643 Datasheet HTML 198Page - Renesas Technology Corp 7643 Datasheet HTML 199Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 74 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.4 UART
(5) Receive error flag
The all error flags PER, FER, OER and SER are cleared to “0” when the UART status register is
read, at the hardware reset or initialization by setting the Transmit Initialization Bit. Accordingly, note
that these flags are also cleared to “0” by execution of bit test instructions such as BBC and BBS,
not only LDA.
(6) CTS function
When the CTS function is enabled, the transmitted data is not transferred to the transmit shift register
until “L” is input to the CTS pin (P86/CTS). As the result, do not set the following data to the transmit
buffer register.
(7) RTS function
•If the start bit is detected in the term of “H” assertion of RTS, its assertion count is suspended and
the RTS pin remains “H” output. After receiving the last stop bit, the count is resumed.
•Setting the receive initialization bit (RIN) to “1” resets the UART RTS control register (URTS) to
“8016”. After setting the RIN bit to “1”, set this URTS.
(8) Interrupt
•When setting the transmit initialization bit (TIN) to “1”, both the transmit buffer empty flag (TBE) and
the transmit complete flag (TCM) are set to “1”, so that the transmit interrupt request occurs
independent of its interrupt source. After setting the transmit initialization bit (TIN) to “1”, clear the
transmit interrupt request bit to “0” before setting the transmit enable bit (TEN) to “1”.
•The transmit interrupt request bit is set and the interrupt request is generated by setting the transmit
enable bit (TIN) to “1” even when selecting timing that either of the following flags is set to “1” as
timing where the transmission interrupt is generated:
(1) Transmit buffer empty flag is set to “1”
(2) Transmit complete flag is set to “1”.
Therefore, when the transmit interrupt is used, set the transmit interrupt enable bit to transmit
enabled as the following sequence:
(1) Transmit enable bit is set to “1”
(2) Transmit interrupt request bit is set to “0”
(3) Transmit interrupt enable bit is set to “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com