Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 198 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 198 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 194Page - Renesas Technology Corp 7643 Datasheet HTML 195Page - Renesas Technology Corp 7643 Datasheet HTML 196Page - Renesas Technology Corp 7643 Datasheet HTML 197Page - Renesas Technology Corp 7643 Datasheet HTML 198Page - Renesas Technology Corp 7643 Datasheet HTML 199Page - Renesas Technology Corp 7643 Datasheet HTML 200Page - Renesas Technology Corp 7643 Datasheet HTML 201Page - Renesas Technology Corp 7643 Datasheet HTML 202Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 77 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.5 DMAC
(2) DMAC channel x (x = 0, 1) mode register 1
•DMAC channel x source register increment/decrement selection bit (DxSRID)
•DMAC channel x source register increment/decrement enable bit (DxSRCE)
•DMAC channel x destination register increment/decrement selection bit (DxDRID)
•DMAC channel x destination register increment/decrement enable bit (DxDRCE)
These bits select that the DMAC channel X source registers and destination registers are either
decreased or increased by 1 after transfer completion.
•DMAC channel x data write control bit (DxDWC)
The DxDWC bit controls write operation to the following registers and their latches: Low and
High bytes of DMAC channel x source registers, destination registers and transfer count registers.
When the DxDWC bit is “0”, data is simultaneously written into each latch and register. When
this bit is “1”, data is written only into their latches.
•DMAC channel x disable after count register underflow enable bit (DxDAUE)
When the DxDAUE bit is “1”, after the DMAC channel x transfer count register Low underflows
the corresponding channel x is disabled. The DMAC channel x enable bit (DxCEN, bit 7 of
DMAxM2) goes to “0” at the same time.
•DMAC channel x register reload bit (DxRLD)
Writing “1” to the DxRLD bit can update the DMAC channel x source registers, destination
registers and transfer count registers with the values in their respective latches. It can be
performed at anytime. This bit is fixed to “0” at read.
•DMAC channel x transfer mode selection bit (DxTMS)
The DxTMS bit selects the transfer mode.
DMAC channel x mode register 1 (x = 0, 1)
b7 b6 b5 b4 b3 b2 b1 b0
DMAC channel x mode register 1
(DMAxM1 : address 4016) (Note 1)
b
0
1
Name
Functions
At reset R W
0
0
0
0 : Increment after transfer
1 : Decrement after transfer
0 : Disabled (No change after transfer)
1 : Enabled
7
DMAC channel x source
register increment/decrement
selection bit (DxSRID)
DMAC channel x source
register increment/decrement
enable bit (DxSRCE)
6
2
3
0
0
0
0
0 : Increment after transfer
1 : Decrement after transfer
0 : Disabled (No change after transfer)
1 : Enabled
DMAC channel x destination
register increment/decrement
selection bit (DxDRID)
DMAC channel x destination
register increment/decrement
enable bit (DxDRCE)
DMAC channel x data
write control bit (DxDWC)
0 : Writing data in reload latches and
registers
1 : Writing data in reload latches only
0
DMAC channel x disable after
count register underflow
enable bit (DxDAUE)
0 : Channel x enabled after count
register underflow
1 : Channel x disabled after count
register underflow
DMAC channel x register
reload bit (DxRLD)
0 : Not reloaded
1 : Source, destination, and transfer
count registers contents of channel x
to be reloaded
DMAC channel x transfer
mode selection bit (DxTMS)
0 : Cycle steal transfer mode
1 : Burst transfer mode
4
5
0
0
(Note 2)
Notes 1: Channels 1 and 2 share this register. The channel selection which can use this register
depends on channel index bit, bit 7 of DMAC index and status register.
2: These bits’ contents are “0” at read.
Fig. 2.5.3 Structure of DMAC channel x (x = 0, 1) mode register 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com