Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 209 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 209 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 205Page - Renesas Technology Corp 7643 Datasheet HTML 206Page - Renesas Technology Corp 7643 Datasheet HTML 207Page - Renesas Technology Corp 7643 Datasheet HTML 208Page - Renesas Technology Corp 7643 Datasheet HTML 209Page - Renesas Technology Corp 7643 Datasheet HTML 210Page - Renesas Technology Corp 7643 Datasheet HTML 211Page - Renesas Technology Corp 7643 Datasheet HTML 212Page - Renesas Technology Corp 7643 Datasheet HTML 213Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 88 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.5 DMAC
2.5.4 DMAC arbitration
The DMA transfer request is accepted at a rising
of
φ. If the bus is not released 1 cycle of φ later
than the transfer request acceptance, the DMAC
will wait for the bus released. When the bus is
released, the DMAC has a right to use the bus
and starts the DMA transfer unless a request of
the right to use the bus having priority over the
DMAC occurs.
Table 2.5.3 shows the priority to use the bus.
Table 2.5.3 Priority to use bus
Priority
1 (Higher)
2
3
4 (Lower)
Factor requesting right to use bus
Hold request via HOLD pin
DMAC
CPU data access
CPU instruction access
2.5.5 Transfer time
One-byte transfer of the cycle steal transfer mode requires the time calculated by the following equation:
Time (T) = A + B + C
A: This means the time from the occurrence of DMA transfer source request to sampling it. It needs 1
cycle of
φ at the maximum. The sampling is asynchronously performed.
B: This means the delay time to sample the DMA transfer source request. It needs 1 cycle of
φ at the
maximum.
C: This means the time to transfer data. It needs 2 cycles of
φ.
Figures 2.5.13 to 2.5.15 show the timing chart for DMA transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com