Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 212 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 212 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 208Page - Renesas Technology Corp 7643 Datasheet HTML 209Page - Renesas Technology Corp 7643 Datasheet HTML 210Page - Renesas Technology Corp 7643 Datasheet HTML 211Page - Renesas Technology Corp 7643 Datasheet HTML 212Page - Renesas Technology Corp 7643 Datasheet HTML 213Page - Renesas Technology Corp 7643 Datasheet HTML 214Page - Renesas Technology Corp 7643 Datasheet HTML 215Page - Renesas Technology Corp 7643 Datasheet HTML 216Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 91 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.5 DMAC
2.5.6 DMAC application example
(1) Transfer from external FIFO to USB FIFO
Outline: Data are transferred from external FIFOs to USB FIFOs.
Specifications: •A burst transfer is used and 128-byte (128 bytes/packet) continuous transfer is
performed. The external FIFO size must be set as 128 bytes of an integral multiple.
•If the data is deficient in the external FIFO, the DMAC channel 0 transferring is
stopped in the DMAC channel 0 interrupt routine process. The DMA transfer is
resumed in the main routine process when the data is sufficient.
•To confirm the external FIFO state after completion of 128 bytes transferring, set
the DMAC channel x disable after count register underflow enable bit (DxDAUE)
to “1”.
•USB endpoint 2 IN_PKT_RDY (falling edge) selected as hardware transfer request
source.
Figures 2.5.16 and 2.5.17 show a setting of the related registers and Figure 2.5.18 shows a control
procedure.
If data are transferred from USB FIFOs to external FIFOs as well as this, use USB endpoint 2
OUT_PKT_RDY (rising edge) selected as hardware transfer request source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com