Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 216 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 216 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 212Page - Renesas Technology Corp 7643 Datasheet HTML 213Page - Renesas Technology Corp 7643 Datasheet HTML 214Page - Renesas Technology Corp 7643 Datasheet HTML 215Page - Renesas Technology Corp 7643 Datasheet HTML 216Page - Renesas Technology Corp 7643 Datasheet HTML 217Page - Renesas Technology Corp 7643 Datasheet HTML 218Page - Renesas Technology Corp 7643 Datasheet HTML 219Page - Renesas Technology Corp 7643 Datasheet HTML 220Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 95 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.5 DMAC
2.5.7 Notes on DMAC
(1) Transfer time
•One-byte data transfer requires 2 cycles of
φ (read and write cycles).
•To perform DMAC transfer due to the different transfer requests on the same DMAC channel or
DMAC transfer between both DMAC channels, 1 cycle of
φ or more is needed before transfer is
started.
(2) Priority
•The DMAC places a higher priority on channel-0 transfer requests than on channel-1 transfer
requests.
If a channel-0 transfer request occurs during a channel-1 burst transfer operation, the DMAC
completes the next transfer source and destination read/write operation first, and then stops the
channel-1 transfer operation.
The channel-1 transfer operation which has been suspended is automatically resumed from the
point where it was suspended so that channel-1 transfer can complete its one-burst transfer unit.
This will be performed even if another channel-0 transfer request occurs.
•The suspended transfer due to the interrupt can also be resumed during its interrupt process
routine by writing “1” to the DMAC channel x enable bit (DxCEN).
(3) Related registers
•A read/write must be performed to the source registers, transfer destination registers and transfer
count registers as follows:
Read from each higher byte first, then the lower byte
Write to each lower byte first, then the higher byte.
Note that if the lower byte is read out first, the values are the higher byte’s.
•Do not access the DMAC-related registers by using a DMAC transfer. The destination address
data and the source address data will collide in the DMAC internal bus.
•When setting the DMAC channel x enable bit (bit 7 of address 4116) to “1”, be sure simultaneously
to set the DMAC channel x transfer initiation source capture register reset bit (bit 6 of address
4116) to “1”. If this is not performed, an incorrect data will be transferred at the same time when
the DMAC is enabled.
(4) DMAOUT pin
In the memory expansion mode and microprocessor mode, the DMAOUT pin (P33/DMAOUT) outputs
“H” during a DMA transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com