Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 217 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 217 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 213Page - Renesas Technology Corp 7643 Datasheet HTML 214Page - Renesas Technology Corp 7643 Datasheet HTML 215Page - Renesas Technology Corp 7643 Datasheet HTML 216Page - Renesas Technology Corp 7643 Datasheet HTML 217Page - Renesas Technology Corp 7643 Datasheet HTML 218Page - Renesas Technology Corp 7643 Datasheet HTML 219Page - Renesas Technology Corp 7643 Datasheet HTML 220Page - Renesas Technology Corp 7643 Datasheet HTML 221Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 96 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.6 USB
2.6 USB
The 7643 Group USB Function Control Unit (USB FCU) complies with the Full-Speed USB2.0 Specification,
which defines the following four USB transfer types.
q Control transfer
q Interrupt transfer
q Bulk transfer
q Isochronous transfer
The 7643 Group default transfer mode is the bulk transfer. Interrupt (rate feedback) transfer is performed
by endpoints 1 and 2, which need to be initialized accordingly. Control transfer is only performed by
endpoint 0; the transfer format is the same as that of the bulk transfer.
To use a USB interrupt, set the USB enable bit (USBC7) to “1”.
This paragraph explains the registers setting method and the notes related to USB.
2.6.1 USB outline
(1)
Transfer types
The USB specification is generally divided into two sections: the host side (PC, Hub) which
controls the peripherals, and the peripheral side (devices), indicating the peripherals that are
connected to the host. In addition, the peripheral side has two communication (transfer) specifications
which are applied according to the data to be transferred: the Full-Speed function supports high
transfer speeds (12Mbps) for peripherals requiring large amounts of data transferred at one time
(images, voice, etc.) and the Low-Speed function supports lower transfer speeds (1.5Mbps) for
peripherals sending smaller amounts of data (keyboard, mouse, etc). The recent addition of the
Hi-Speed function (480Mbps) specification allows for even faster data transfer.
The communication specification to be used is determined by the Device Class of the peripheral,
and the transfer type is determined according to each peripheral device.
The 7643 Group is equipped with a Full-Speed Function Control Unit, which supports the following
three transfer types.
Control transfer
Control transfer is a request-response, bi-directional transfer in the non-periodic and bursty
communications. These are typically used during setup. As all devices must support standard
device requests, all USB products support control transfers with no exception.
Bulk transfer
Bulk transfer is a non-periodic and bursty communication which is not adversely affected by
delays. These are typically used for transfers of large amounts of data. To ensure that the data
is transferred successfully, hardware is set to check for errors. If an error is detected, the data is
resent. Examples of bulk transfer are word data to printers and image data from scanners.
Interrupt transfer
Interrupt transfer is used to inform the host of periodic, low-frequency data communication from
the device. For example, interrupt transfer informs the host that the printer is out of paper or send
data from the mouse or keyboard to the host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com