Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 218 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 218 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 214Page - Renesas Technology Corp 7643 Datasheet HTML 215Page - Renesas Technology Corp 7643 Datasheet HTML 216Page - Renesas Technology Corp 7643 Datasheet HTML 217Page - Renesas Technology Corp 7643 Datasheet HTML 218Page - Renesas Technology Corp 7643 Datasheet HTML 219Page - Renesas Technology Corp 7643 Datasheet HTML 220Page - Renesas Technology Corp 7643 Datasheet HTML 221Page - Renesas Technology Corp 7643 Datasheet HTML 222Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 97 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.6 USB
Fig. 2.6.2 Packet type
Fig. 2.6.1 1 frame image
SOF
Audio mouse printer/scanner
1ms
SOF
Audio
printer/scanner
1ms
SOF
Audio
printer/scanner
1ms
Isochronous transfer
Interrupt transfer
Bulk transfer
mouse
SOF packet : indicates the packet of frame start that Host sends every 1 ms.
PID
8 bits
Frame number
8 bits
CRC5
5 bits
PID : SOF(0xA5)
Token packet : indicates the packet Host sends at transaction start.
PID
8 bits
ADDR
7 bits
ENDP
4 bits
PID : OUT(0xE1),IN(0x69),SETUP(0x2D)
CRC5
5 bits
Data packet : indicates the packet to transfer data.
PID
8 bits
DATA
0 to 1023 bytes
PID : DATA0(0xC3),DATA1(0x4B)
CRC16
16 bits
Handshake packet : indicates the packet in transaction to control the flow.
PID
8 bits
PID : ACK(0xD2),NAK(0xA5),STALL(0x1E)
The start of each packet is SOP.
The end of each packet is EOP.
(2)
Communication protocol
The host CPU does control all USB communications. Even when data is transmitted to the host
from the device, the transmission is executed after the host gives the device the right to use the
bus.
In order for the host to process multiple transfers simultaneously, each transfer is scheduled in
packet units within 1ms frame. The diagram below shows an image of one frame.
q Packet
A packet is the unit used by the host CPU or the device to secure use of the bus. In USB
communications, data is transmitted and received in packet units. A packet is a group of data
string (field) of some bits. It starts from a SYNC (synchronous data) field and continues to a PID
(Packet ID) field. Each type of packet can be identified by this PID field. The following is a list
of packet types.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com