Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 273 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 273 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 269Page - Renesas Technology Corp 7643 Datasheet HTML 270Page - Renesas Technology Corp 7643 Datasheet HTML 271Page - Renesas Technology Corp 7643 Datasheet HTML 272Page - Renesas Technology Corp 7643 Datasheet HTML 273Page - Renesas Technology Corp 7643 Datasheet HTML 274Page - Renesas Technology Corp 7643 Datasheet HTML 275Page - Renesas Technology Corp 7643 Datasheet HTML 276Page - Renesas Technology Corp 7643 Datasheet HTML 277Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 152 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.6 USB
CCR (Address : 1F16)
FSM1 (Address : 6D16)
FSM2 (Address : 6E16)
FSD (Address : 6F16)
FSC (Address : 6C16)
USBC (Address : 1316)
USBFIFOMR (Address : 5F16)
USBIE1 (Address : 5416)
USBINDEX (Address : 5816)
OUT_MAXP (Address : 5C16)
OUT_CSR (Address : 5A16)
UBRG (Address : 3116)
UMOD (Address : 3016)
UCON (Address : 3316)
P4 (Address : 1816)
P4D (Address : 1916)
IPOL (Address : 1116)
ICONA (Address : 0516)
IREQA (Address : 0216)
.....
8016
0016
FF16
0016
4116
1X1100X02
XXXXXX002
000010012
X00000012
0816
0XXXXXX12
4D16
010X00002
0011X0002
XXXXXXX12
XXXXXX012
XXXXXXX02
0XXXXXX12
0016
RESET
Endpoint 1 FIFO : OUT128 bytes
Endpoint 0, Endpoint 1OUT interrupt enabled
Max. packet size : 64 bytes
...
• UART initializing
φ as UART clock, 1 stop bit,
Parity checking disabled, 8-bit character length
CTS function enabled, RTS function disabled
Tramsmit interrupt source : Transmit shift completed
• Others
P40 : output, P41 : input
USB function interrupt : enabled
UART transmit interrupt : disabled
.....
USBIS1 (Address : 5216),bit3
USBINDEX (Address : 5816)
RAM1
WRT_CNT (Address : 5D16)
UCON (Address : 3316),bit2
UCON (Address : 3316),bit0
ICONA (Address : 0516),bit7
IREQA (Address : 0216),bit2
1
X00000012
1
1
1
0
Push registers to stack
* When USBINDEX is set, push its data to temporary buffer, and
return the data to USBINDEX after interrupt is completed.
USB endpoint 1 OUT interrupt
Pop registers
RTI
Interrupt occurs
Refer to the USB initiral setting.
• USB initializing
(Interrupt disabled)
Initialization
q x: This bit is not used here. Set it to “0” or “1” arbitrarily.
(interrupt enabled)
• Start processing
Number of USB receive bytes
UART transmit initializing
UART transmit enabled
UART transmit interrupt enabled
* Interrupt request flag is set as soon as
UART transmit interrupt is enabled.
•INT0 interrupt request bit set to “0”
Fig. 2.6.47 Control procedure (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com