Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 275 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 275 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 271Page - Renesas Technology Corp 7643 Datasheet HTML 272Page - Renesas Technology Corp 7643 Datasheet HTML 273Page - Renesas Technology Corp 7643 Datasheet HTML 274Page - Renesas Technology Corp 7643 Datasheet HTML 275Page - Renesas Technology Corp 7643 Datasheet HTML 276Page - Renesas Technology Corp 7643 Datasheet HTML 277Page - Renesas Technology Corp 7643 Datasheet HTML 278Page - Renesas Technology Corp 7643 Datasheet HTML 279Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 275 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 154 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.6 USB
Fig. 2.6.49 Connection diagram
UTXD
CTS
General purpose
port 1
General purpose
port 2
P85/URXD
P87/RTS
P41/INT0
P40
7643 Group
Host CPU
Receiving side
Transmitting side
USB
Transfer
USB IN
Host PC
(2)
Application example 2: Data packet transfer from UART to USB FIFO (without DMA)
Outline: The data received from host CPU through UART to the USB FIFO is written, and then
it is transmitted to host PC.
Specification: - Use USB endpoint 1 IN bulk transfer is used.
- USB endpoint 1 IN interrupt is used.
- USB endpoint one packet size: 64 bytes
- UART receive is used.
- UART receive buffer full interrupt is used.
- UART receive summing error interrupt is used.
- Transfer bit rate: 9600bps (
φ= 12MHz divided by 1248)
- Data format: 1ST-8DATA-1SP
- Parity bit is disabled.
- Re-transmit is executed if transfer error occurs (re-transmit in byte unit)
-P40 pin to detect packet transmit from host CPU is used. (the host CPU keeps P40
at “L” during a packet transfer, at “H” at all other times)
- RTS function is used.
When the USB FIFO data is transmitted to the host PC, in the 7643 Group, a USB endpoint 1
interrupt occurs. At this point, the 7643 MCU enables the UART receive (UART receive buffer full
interrupt, UART receive summing error interrupt).
After the UART function is received from the host PC, in the 7643 Group, a UART receive buffer
full interrupt occurs; the UART transmit/receive buffer register is read and the received data is
written to the USB FIFO. The RTS pin is set to “L”, indicating that the RTS pin is ready to receive
the next data. If Port P40 is “H” at this point, that receive of one-packet data (64 bytes or more)
has been completed is recognized, and sets the IN_PKT_RD flag USB endpoint 1 IN. This makes
the data in the USB endpoint 1 FIFO ready for transmit.
On the other hand, if a UART receive summing error interrupt, not the UART receive buffer
interrupt, occurs, both the UART transmit/receive buffer register and the UART status register is
read (this clears the error flag), and an “L” pulse is generated to P41 (as a result from this
operation, the re-transmit the previous data from the host CPU is realized). Note that the data
received when an error occurs will be erased.
Figure 2.6.49 shows the connection diagram, Figures 2.6.50 to 2.6.53 show related register settings,
and Figures 2.6.54 and 2.6.55 show control procedure examples.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com