Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 284 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 284 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 280Page - Renesas Technology Corp 7643 Datasheet HTML 281Page - Renesas Technology Corp 7643 Datasheet HTML 282Page - Renesas Technology Corp 7643 Datasheet HTML 283Page - Renesas Technology Corp 7643 Datasheet HTML 284Page - Renesas Technology Corp 7643 Datasheet HTML 285Page - Renesas Technology Corp 7643 Datasheet HTML 286Page - Renesas Technology Corp 7643 Datasheet HTML 287Page - Renesas Technology Corp 7643 Datasheet HTML 288Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 163 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.6 USB
2.6.10 Notes on USB function
(1)
USB receive
q For endpoints 1 or 2, when there are two packets of data in the OUT FIFO, after reading out
the max OUT packet size of data, one packet of data will remain in the OUT FIFO. In this case,
even if the OUT_PKT_RDY flag is set to “0”, it will return to “1” after 83ns (Vcc = 5V, f(XIN) =
24MHz).
q Read one packet data from the OUT FIFO before clearing the OUT_PKT_RDY flag. If the
OUT_PKT_RDY flag is cleared while one packet data is being read, the internal Read pointer
cannot operate normally.
(2)
USB transmit
q Determine the number of data packets in the IN FIFO by the value of the IN_PKT_RDY bit and
the TX_NOT_EPT flag. For more details, refer to Table 2.6.2 in [Section 2.6.4 USB transmit].
q For endpoints 1 or 2, to transmit a NULL packet, set the IN_PKT_RDY bit to “1” without writing
data to the FIFO.
(3)
External circuits
q Figure 2.6.58 shows a peripheral circuit example of the external capacitor (Ext. Cap) pin.
Connect a low-frequency 2.2
µ F Tantal capacitor and a 0.1 µF ceramic capacitor (X7R type
recommended) in parallel between the Ext. Cap pin and the Vss pin.
In addition, connect a 1.5k
Ω (±5%) resistor between the Ext. Cap pin and the D+ pin.
q The Full-Speed USB2.0 specification requires a driver-impedance of 28 to 44
Ω (refer to Clause
7.1.1.1 Full-Speed (12Mb/s) Driver Characteristics).
In order to meet USB specification impedance requirements, connect a resistor (27 to 33
Ω
recommended) in series to the USB D+ and D- pins.
In addition, in order to reduce the ringing and control the falling/rising timing of USB D+/D- and
a crossover point, connect a capacitor (69pF recommended) between the USB D+/D- pins and
the Vss pin if necessary.
The values and structure of those peripheral elements depend on the impedance characteristics
and the layout of the printed circuit board. Accordingly, evaluate your system and observe
waveforms before actual use and decide use of elements and the values of resistors and
capacitors.
q Make sure the wiring of the USB connector or USB cable is as short as possible.
q Make sure the USB D+/D- lines do not cross any other wires.
Keep a large GND area to protect the USB lines.
Also, make sure you use a USB specification compliant connecter for the connection.
q All passive components must be located as close as possible to the LPF pin.
For recommended values, see Figure 2.6.59.
q An insulation connector (Ferrite Beads) must be connected between AVss and Vss pins and
between AVcc and Vcc pins.
q Connect 0.1
µF and 4.7 µF capacitors in parellel between the Vss and Vcc pins and between
the AVss and AVcc pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com