Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 285 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 285 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 281Page - Renesas Technology Corp 7643 Datasheet HTML 282Page - Renesas Technology Corp 7643 Datasheet HTML 283Page - Renesas Technology Corp 7643 Datasheet HTML 284Page - Renesas Technology Corp 7643 Datasheet HTML 285Page - Renesas Technology Corp 7643 Datasheet HTML 286Page - Renesas Technology Corp 7643 Datasheet HTML 287Page - Renesas Technology Corp 7643 Datasheet HTML 288Page - Renesas Technology Corp 7643 Datasheet HTML 289Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 164 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.6 USB
Fig. 2.6.58 Peripheral circuit example
Fig. 2.6.59 LPF peripheral circuit
Fig. 2.6.60 Connection of insulation connector
➀ Vcc=5V(built-in DC-DC converter used)
M37643
Vcc
Ext.Cap
5V
D+
D-
➁ Vcc=3V (DC-DC converter disabled)
M37643
Vcc
Ext.Cap
3.3V
D+
D-
VCC
XIN
Frequency synthesizer
enable
lock
FSE
LS
USBC5
enable
USB Clock
(48MHz)
USB FCU
enable
USBC7
USB
transceiver
enable
USBC7
DC-DC converter
enable
USBC4
current
mode
USBC3
Ext.Cap
D-
Notes 1: The resistor value depends on the layout of printed circuit board.
2: When Vcc = 5 V, do not connect the external DC-DC converter to the Ext.Cap pin.
Note 1
D+
Peripheral circuit
example is shown
below.
Note 1
Note 2
0.1
µF
680pF
LPF pin
AVSS pin
Vcc
Ferrite Beads
Decoupling
Capacitors
AVcc
Vss
AVss
Capacitor C1, C2 : 0.1
µF
C3, C4 : 4.7
µF
C1
C2
C3
C4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com