Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 311 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 311 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 307Page - Renesas Technology Corp 7643 Datasheet HTML 308Page - Renesas Technology Corp 7643 Datasheet HTML 309Page - Renesas Technology Corp 7643 Datasheet HTML 310Page - Renesas Technology Corp 7643 Datasheet HTML 311Page - Renesas Technology Corp 7643 Datasheet HTML 312Page - Renesas Technology Corp 7643 Datasheet HTML 313Page - Renesas Technology Corp 7643 Datasheet HTML 314Page - Renesas Technology Corp 7643 Datasheet HTML 315Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 311 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 190 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.10 Clock generating circuit
2.10.2 Related registers
Fig. 2.10.2 Structure of CPU mode register A
Fig. 2.10.3 Structure of Clock control register
CPU mode register A
b7 b6 b5 b4 b3 b2 b1 b0
CPU mode register A
(CPMA : address 0016)
b
0
1
1
2
4
Name
Functions
At reset R W
1
1
0
0
Stack page select bit
Sub-clock (XCIN-XCOUT)
stop bit
Main clock (XIN-XOUT) stop
bit
b1b0
0 0 : Single-chip mode
0 1 : Memory expansion mode
1 0 : Microprocessor mode (Note 1)
1 1 : Not available
0 : Page 0
1 : Page 1
0 : Stopped
1 : Oscillating
5
0
Internal system clock
select bit (Note 2)
0 : External clock (XIN-XOUT or XCIN-XCOUT)
1 : fsyn
6
7
0
External clock select bit
0 : XIN-XOUT
1 : XCIN-XCOUT
Processor mode bits
3
0
0
Nothing is arranged for this bit.
Fix this bit to “1”.
0 : Oscillating
1 : Stopped
Notes 1: This is not available in the flash memory version.
2: When (CPMA 7, 6) = (0, 0), the internal system clock can be selected between
f(XIN) and f(XIN)/2 by CCR7.
The internal clock
φ is the internal system clock divided by 2.
Clock control register
b7 b6 b5 b4 b3 b2 b1 b0
Clock control register
(CCR : address 1F16)
b
0
0
0
0
0
Name
0
Functions
At reset R W
0
0
0
0
0
0
0 : XCOUT oscillation drive is enabled.
(When XCIN oscillation is enabled.)
1 : XCOUT oscillation drive is disabled.
5
6
7
XCOUT oscillation drive
disable bit (CCR5)
0 : XOUT oscillation drive is enabled.
(When XIN oscillation is enabled.)
1 : XOUT oscillation drive is disabled.
XOUT oscillation drive
disable bit (CCR6)
XIN divider select bit
(CCR7) (Note)
3
0
1
2
4
Note: This bit is valid when (b7, b6 of CPMA) = “00”.
0 : f(XIN)/2 is used for the system clock.
1 : f(XIN) is used for the system clock.
0
Nothing is arranged for these bits.
Fix these bits to “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com