Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 315 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 315 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 311Page - Renesas Technology Corp 7643 Datasheet HTML 312Page - Renesas Technology Corp 7643 Datasheet HTML 313Page - Renesas Technology Corp 7643 Datasheet HTML 314Page - Renesas Technology Corp 7643 Datasheet HTML 315Page - Renesas Technology Corp 7643 Datasheet HTML 316Page - Renesas Technology Corp 7643 Datasheet HTML 317Page - Renesas Technology Corp 7643 Datasheet HTML 318Page - Renesas Technology Corp 7643 Datasheet HTML 319Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 315 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 194 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.10 Clock generating circuit
2.10.4 Wait mode
The Wait mode is set by execution of the WIT instruction. In Wait mode, oscillation continues, but the
internal clock
φ stops at the “H” level.
The CPU stops, but most of the peripheral units continue operating.
(1) State in Wait mode
Table 2.10.2 shows the state in Wait mode.
Table 2.10.2 State in Wait mode
Item
Oscillation
CPU
Internal clock
φ
I/O ports
Timer
UART
DMAC
Serial I/O
USB
RAM
SFR
CPU registers
State in Wait mode
Oparating.
Stopped.
Stopped at “H” level.
Retains the state at the WIT instruction execution.
Operating.
Operating.
Stopped.
Operating.
Operating.
Retained.
Retained.
Retained: Accumulator, Index register X, Index register Y, Stack
pointer, Program counter, Processor status register.
(2)
Release of wait mode
The Wait mode is released by reset input or by the occurrence of an interrupt request.
In Wait mode oscillation is continued, so that an instruction can be executed immediately after the
Wait mode is released.
These interrupt sources can be used for restoration:
•INT0, INT1
•Timers
•Serial I/Os
•UART
•DMAC
•Key-on wake-up
•USB function
However, when using any of these interrupt requests for restoration from Stop mode, in order to
enable the selected interrupt, set the following conditions before execution of WIT instruction.
[Necessary register setting]
➀ Interrupt request bit of interrupt source to be used for restoration = “0” (no interrupt request
issued)
➁ Interrupt enable bit of interrupt source to be used for restoration = “1” (interrupts enabled)
➂ Interrupt disable flag I = “0” (interrupt enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com