Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 319 Page - Renesas Technology Corp

Part # 7643
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7643 Datasheet(HTML) 319 Page - Renesas Technology Corp

Back Button 7643 Datasheet HTML 315Page - Renesas Technology Corp 7643 Datasheet HTML 316Page - Renesas Technology Corp 7643 Datasheet HTML 317Page - Renesas Technology Corp 7643 Datasheet HTML 318Page - Renesas Technology Corp 7643 Datasheet HTML 319Page - Renesas Technology Corp 7643 Datasheet HTML 320Page - Renesas Technology Corp 7643 Datasheet HTML 321Page - Renesas Technology Corp 7643 Datasheet HTML 322Page - Renesas Technology Corp 7643 Datasheet HTML 323Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 319 / 424 page
background image
Rev.2.00
Aug 28, 2006
page 198 of 202
7643 Group
REJ09B0133-0200
APPLICATION
2.10 Clock generating circuit
(2) Counting without clock error during power failure
Outline: It keeps counting without clock error during a power failure.
Specifications: •Reducing power consumption as low as possible while maintaining clock function
•Clock: f(XIN) = 24 MHz
•Sub clock: f(XCIN) = 32.768 kHz
•Use of Timer 2 interrupt
For the peripheral circuit and the status transition during a power failure, refer to Figures 2.10.8
and 2.10.9.
Figure 2.10.12 shows the structure of clock counter, Figures 2.10.13 and 2.10.14 show the setting
of relevant registers.
Fig. 2.10.12 Structure of clock counter
When the system returns from a
power failure, add the time taken
for the switching processing for the
return.
Timer 1 interrupt
1/228
Timer 2
183
µs
1/24
f(XCIN) = 32.768 kHz
1/3
Timer 1
<At power failure>
f(XIN) = 24 MHz
Timer 1Base counter1 second counter
1 minute counter
1/8
1/255
1/245
1/24
1/60
1 s
Minute/Time/Day/Month/Year
170
µs
Timer 2 interrupt
: Software timer
: Hardware timer
1/2
1/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com