Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OMAP3530-HiRel Datasheet(PDF) 71 Page - Texas Instruments

Part # OMAP3530-HiRel
Description  OMAP3525-HiRel and OMAP3530-HiRel Applications Processors
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OMAP3530-HiRel Datasheet(HTML) 71 Page - Texas Instruments

Back Button OMAP3530-HiRel Datasheet HTML 67Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 68Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 69Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 70Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 71Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 72Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 73Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 74Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 239 page
background image
2.4.2
Video Interfaces
OMAP3525-HiRel and OMAP3530-HiRel Applications Processors
www.ti.com
SPRS599 – JUNE 2009
Table 2-7. Video Interfaces – CAM Signals Description
SIGNAL NAME
DESCRIPTION
TYPE(1)
BALL BOTTOM
BALL BOTTOM
(CBB Pkg.)
(CBC Pkg.)
cam_hs
Camera Horizontal Synchronization
IO
A24
C23
cam_vs
Camera Vertical Synchronization
IO
A23
D23
cam_xclka
Camera Clock Output a
O
C25
C25
cam_xclkb
Camera Clock Output b
O
B26
E25
cam_d0
Camera digital image data bit 0
I
AG17
AE16
cam_d1
Camera digital image data bit 1
I
AH17
AE15
cam_d2
Camera digital image data bit 2
I
B24
A24
cam_d3
Camera digital image data bit 3
I
C24
B24
cam_d4
Camera digital image data bit 4
I
D24
D24
cam_d5
Camera digital image data bit 5
I
A25
C24
cam_d6
Camera digital image data bit 6
I
K28
P25
cam_d7
Camera digital image data bit 7
I
L28
P26
cam_d8
Camera digital image data bit 8
I
K27
N25
cam_d9
Camera digital image data bit 9
I
L27
N26
cam_d10
Camera digital image data bit 10
I
B25
D25
cam_d11
Camera digital image data bit 11
I
C26
E26
cam_fld
Camera field identification
IO
C23
B23
cam_pclk
Camera pixel clock
I
C27
C26
cam_wen
Camera Write Enable
I
B23
A23
cam_strobe
Flash strobe control signal
O
D25
D26
cam_global_reset
Global reset is used strobe
IO
C23 / AH3 / AA21
V17 / B23
synchronization
cam_shutter
Mechanical shutter control signal
O
B23 / AF3 / T21
A23 / T19
(1)
Type = Ball type for this specific function (I = Input, O = Output, Z = high-impedance, D = Open Drain, DS = Differential, A = Analog).
Table 2-8. Video Interfaces – DSS Signals Description
SIGNAL NAME
DESCRIPTION
TYPE(1)
BALL BOTTOM
BALL BOTTOM
(CBB Pkg.)
(CBC Pkg.)
dss_pclk
LCD Pixel Clock
O
D28
G25
dss_hsync
LCD Horizontal Synchronization
O
D26
K24
dss_vsync
LCD Vertical Synchronization
O
D27
M25
dss_acbias
AC bias control (STN) or pixel data enable (TFT) output
O
E27
F26
dss_data0
LCD Pixel Data bit 0
IO
AG22 / H26
AE21 / M24
dss_data1
LCD Pixel Data bit 1
IO
AH22 / H25
AE22 / M26
dss_data2
LCD Pixel Data bit 2
IO
AG23 / E28
AE23 / F25
dss_data3
LCD Pixel Data bit 3
IO
AH23 / J26
AE24 / N24
dss_data4
LCD Pixel Data bit 4
IO
AG24 / AC27
AD23 / AC25
dss_data5
LCD Pixel Data bit 5
IO
AH24 / AC28
AD24/ AB25
dss_data6
LCD Pixel Data bit 6
IO
E26
G26
dss_data7
LCD Pixel Data bit 7
IO
F28
H25
dss_data8
LCD Pixel Data bit 8
IO
F27
H26
dss_data9
LCD Pixel Data bit 9
IO
G26
J26
dss_data10
LCD Pixel Data bit 10
IO
AD28
AC26
dss_data11
LCD Pixel Data bit 11
IO
AD27
AD26
(1)
Type = Ball type for this specific function (I = Input, O = Output, Z = high-impedance, D = Open Drain, DS = Differential, A = Analog).
Submit Documentation Feedback
TERMINAL DESCRIPTION
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com