| Electronic Components Datasheet Search |
|
OMAP3530-HiRel Datasheet(PDF) 12 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
OMAP3530-HiRel Datasheet(HTML) 12 Page - Texas Instruments |
|
12 / 239 page ![]() 2.2 Ball Characteristics OMAP3525-HiRel and OMAP3530-HiRel Applications Processors SPRS599 – JUNE 2009 www.ti.com Table 2-1 and Table 2-2 describe the terminal characteristics and the signals multiplexed on each pin for the CBB and CBC packages, respectively. The following list describes the table column headers. 1. BALL BOTTOM: Ball number(s) on the bottom side associated with each signal(s) on the bottom. 2. BALL TOP: Ball number(s) on the top side associated with each signal(s) on the top. 3. PIN NAME: Names of signals multiplexed on each ball (also notice that the name of the pin is the signal name in mode 0). Note: Table 2-1 and Table 2-2 do not take into account subsystem pin multiplexing options. Subsystem pin multiplexing options are described in Section 2.4, Signal Descriptions. 4. MODE: Multiplexing mode number. a. Mode 0 is the primary mode; this means that when mode 0 is set, the function mapped on the pin corresponds to the name of the pin. There is always a function mapped on the primary mode. Notice that primary mode is not necessarily the default mode. Note: The default mode is the mode which is automatically configured on release of the internal GLOBAL_PWRON reset; also see the RESET REL. MODE column. b. Modes 1 to 7 are possible modes for alternate functions. On each pin, some modes are effectively used for alternate functions, while some modes are not used and do not correspond to a functional configuration. 5. TYPE: Signal direction – I = Input – O = Output – I/O = Input/Output – D = Open drain – DS = Differential – A = Analog Note: In the safe_mode, the buffer is configured in high-impedance. 6. BALL RESET STATE: The state of the terminal at reset (power up). – 0: The buffer drives VOL (pulldown/pullup resistor not activated) 0(PD): The buffer drives VOL with an active pulldown resistor. – 1: The buffer drives VOH (pulldown/pullup resistor not activated) 1(PU): The buffer drives VOH with an active pullup resistor. – Z: High-impedance – L: High-impedance with an active pulldown resistor – H : High-impedance with an active pullup resistor 7. BALL RESET REL. STATE: The state of the terminal at reset release. – 0: The buffer drives VOL (pulldown/pullup resistor not activated) 0(PD): The buffer drives VOL with an active pulldown resistor. – 1: The buffer drives VOH (pulldown/pullup resistor not activated) 1(PU): The buffer drives VOH with an active pullup resistor. – Z: High-impedance – L: High-impedance with an active pulldown resistor – H : High-impedance with an active pullup resistor 8. RESET REL. MODE: This mode is automatically configured on release of the internal GLOBAL_PWRON reset. 9. POWER: The voltage supply that powers the terminal’s I/O buffers. 10. HYS: Indicates if the input buffer is with hysteresis. 11. BUFFER STRENGTH: Drive strength of the associated output buffer. 12. PULL U/D - TYPE: Denotes the presence of an internal pullup or pulldown resistor. Pullup and pulldown resistors can be enabled or disabled via software. TERMINAL DESCRIPTION 12 Submit Documentation Feedback |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |