| Electronic Components Datasheet Search |
|
OMAP3530-HiRel Datasheet(PDF) 78 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
OMAP3530-HiRel Datasheet(HTML) 78 Page - Texas Instruments |
|
78 / 239 page ![]() OMAP3525-HiRel and OMAP3530-HiRel Applications Processors SPRS599 – JUNE 2009 www.ti.com Table 2-17. Serial Communication Interfaces – USB Signals Description (continued) SIGNAL NAME DESCRIPTION TYPE(1) BALL BOTTOM BALL BOTTOM (CBB Pkg.) (CBC Pkg.) hsusb3_tll_data1 Dedicated for external transceiver Bidirectional data bus IO AE1 V3 hsusb3_tll_data2 Dedicated for external transceiver Bidirectional data bus IO AD2 R3 hsusb3_tll_data3 Dedicated for external transceiver Bidirectional data bus IO AC1 T3 hsusb3_tll_data4 Dedicated for external transceiver Bidirectional data bus IO AF6 P3 hsusb3_tll_data5 Dedicated for external transceiver Bidirectional data bus IO AE6 N3 hsusb3_tll_data6 Dedicated for external transceiver Bidirectional data bus IO AF5 U3 hsusb3_tll_data7 Dedicated for external transceiver Bidirectional data bus IO AE5 W3 HSUSB2 hsusb2_clk Dedicated for external transceiver 60-MHz clock input from O AE7 AE4 PHY hsusb2_stp Dedicated for external transceiver Stop signal O AF7 AF6 hsusb2_dir Dedicated for external transceiver Data direction control from I AG7 AE6 PHY hsusb2_nxt Dedicated for external transceiver Next signal from PHY I AH7 AF7 hsusb2_data0 Dedicated for external transceiver Bidirectional data bus IO AG8 AF9 hsusb2_data1 Dedicated for external transceiver Bidirectional data bus IO AH8 AE9 hsusb2_data2 Dedicated for external transceiver Bidirectional data bus IO AB2 T8 hsusb2_data3 Dedicated for external transceiver Bidirectional data bus IO V3 V9 hsusb2_data4 Dedicated for external transceiver Bidirectional data bus IO Y2 W8 additional signals for 12-pin ULPI operation hsusb2_data5 Dedicated for external transceiver Bidirectional data bus IO Y3 U8 additional signals for 12-pin ULPI operation hsusb2_data6 Dedicated for external transceiver Bidirectional data bus IO Y4 V8 additional signals for 12-pin ULPI operation hsusb2_data7 Dedicated for external transceiver Bidirectional data bus IO AA3 W7 additional signals for 12-pin ULPI operation HSUSB2_TLL hsusb2_tll_clk Dedicated for external transceiver 60-MHz clock input from O AE7 AE4 PHY hsusb2_tll_stp Dedicated for external transceiver Stop signal I AF7 AF6 hsusb2_tll_dir Dedicated for external transceiver data direction control from O AG7 AE6 PHY hsusb2_tll_nxt Dedicated for external transceiver Next signal from PHY O AH7 AF7 hsusb2_tll_data0 Dedicated for external transceiver Bidirectional data bus IO AG8 AF9 hsusb2_tll_data1 Dedicated for external transceiver Bidirectional data bus IO AH8 AE9 hsusb2_tll_data2 Dedicated for external transceiver Bidirectional data bus IO AB2 T8 hsusb2_tll_data3 Dedicated for external transceiver Bidirectional data bus IO V3 V9 hsusb2_tll_data4 Dedicated for external transceiver Bidirectional data bus IO Y2 W8 additional signals for 12-pin ULPI operation hsusb2_tll_data5 Dedicated for external transceiver Bidirectional data bus IO Y3 U8 additional signals for 12-pin ULPI operation hsusb2_tll_data6 Dedicated for external transceiver Bidirectional data bus IO Y4 V8 additional signals for 12-pin ULPI operation hsusb2_tll_data7 Dedicated for external transceiver Bidirectional data bus IO AA3 W7 additional signals for 12-pin ULPI operation HSUSB1 hsusb1_clk Dedicated for external transceiver 60-MHz clock input from O AE10 AB3 PHY hsusb1_stp Dedicated for external transceiver Stop signal O AF10 AB2 hsusb1_dir Dedicated for external transceiver data direction control from I AF9 AA4 PHY TERMINAL DESCRIPTION 78 Submit Documentation Feedback |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |