| Electronic Components Datasheet Search |
|
OMAP3530-HiRel Datasheet(PDF) 76 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
OMAP3530-HiRel Datasheet(HTML) 76 Page - Texas Instruments |
|
76 / 239 page ![]() OMAP3525-HiRel and OMAP3530-HiRel Applications Processors SPRS599 – JUNE 2009 www.ti.com Table 2-15. Serial Communication Interfaces – McSPI Signals Description (continued) SIGNAL NAME DESCRIPTION TYPE(1) BALL BOTTOM BALL BOTTOM (CBB Pkg.) (CBC Pkg.) MULTICHANNEL SERIAL PORT INTERFACE (McSPI2) mcspi2_clk SPI Clock IO AA3 W7 mcspi2_simo Slave data in, master data out IO Y2 W8 mcspi2_somi Slave data out, master data in IO Y3 U8 mcspi2_cs0 SPI Enable 0, polarity configured by IO Y4 V8 software mcspi2_cs1 SPI Enable 1, polarity configured by O V3 V9 software MULTICHANNEL SERIAL PORT INTERFACE (McSPI3) mcspi3_clk SPI Clock IO H26 / AE2 / AE13 W10 / M24 / AA3 mcspi3_simo Slave data in, master data out IO H25 / AG5 / AF11 R10 / M26 / AC3 mcspi3_somi Slave data out, master data in IO E28 / AH5 / AG12 F25 / T10 / AD4 mcspi3_cs0 SPI Enable 0, polarity configured by IO J26 / AF4 / AH12 U9 / N24 / AD3 software mcspi3_cs1 SPI Enable 1, polarity configured by O AC27 / AG4 / AH14 AC25 / U10 / AD2 software MULTICHANNEL SERIAL PORT INTERFACE (McSPI4) mcspi4_clk SPI Clock IO Y8 / Y21 U19 / H3 mcspi4_simo Slave data in, master data out IO V21 U17 mcspi4_somi Slave data out, master data in IO U21 T20 mcspi4_cs0 SPI Enable 0, polarity configured by IO K26 P20 software Table 2-16. Serial Communication Interfaces – UARTs Signals Description SIGNAL NAME DESCRIPTION TYPE(1) BALL BOTTOM BALL BOTTOM (CBB Pkg.) (CBC Pkg.) UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART1) uart1_cts UART1 Clear To Send I AG22 / W8 / T21 AE21 / T19 / W2 uart1_rts UART1 Request To Send O AH22 / AA9 AE22 / R2 uart1_rx UART1 Receive data I F28 / Y8 / AE7 H3 / H25 / AE4 uart1_tx UART1 Transmit data O E26 / AA8 L4 / G26 UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART2) uart2_cts UART2 Clear To Send I AF6 / AB26 Y24 uart2_rts UART2 Request To Send O AE6 / AB25 AA24 uart2_rx UART2 Receive data I AE5 / AD25 AD21 uart2_tx UART2 Transmit data O AF5 / AA25 AD22 UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART3) / IrDA uart3_cts_rctx UART3 Clear To Send (input), Remote IO H18 / U26 W20 / F23 TX (output) uart3_rts_sd UART3 Request To Send, IR enable O H19 / U27 V18 / F24 uart3_rx_irrx UART3 Receive data, IR and Remote I AG24 / H20 / U28 AD23 / Y20 / H24 RX uart3_tx_irtx UART3 Transmit data, IR TX O AH24 / H21 / T27 AD24 / V20 / G24 (1) Type = Ball type for this specific function (I = Input, O = Output, Z = high-impedance, D = Open Drain, DS = Differential, A = Analog) TERMINAL DESCRIPTION 76 Submit Documentation Feedback |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |