Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OMAP3530-HiRel Datasheet(PDF) 90 Page - Texas Instruments

Part # OMAP3530-HiRel
Description  OMAP3525-HiRel and OMAP3530-HiRel Applications Processors
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OMAP3530-HiRel Datasheet(HTML) 90 Page - Texas Instruments

Back Button OMAP3530-HiRel Datasheet HTML 86Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 87Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 88Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 89Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 90Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 91Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 92Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 93Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 239 page
background image
OMAP3525-HiRel and OMAP3530-HiRel Applications Processors
SPRS599 – JUNE 2009
www.ti.com
Table 2-26. Power Supplies Signals Description (continued)
SIGNAL NAME
DESCRIPTION
BALL BOTTOM
BALL TOP
BALL BOTTOM
BALL TOP
(CBB Pkg.)
(CBB Pkg.)
(CBC Pkg.)
(CBC Pkg.)
vss
Ground
AG2 / U2 / B2 / AG3
H2 / B18 / AC20 /
G1/ K1/ R1/ W1/ B2/
C1/ F1/ H2/ M2/ R2/
/ W3 / P3 / J3 / E3 /
AB5 / AB14 / AB20 /
H4/ N4/ R4/ W4/ AB5/
Y6/AA7/ Y11/ AA16/
A3 / P4 / E4 / AG6 /
P2 / F22 / E2 / C22 /
A6/ D7/ Y7/AE7/ A8/
W20/P20/ L21/ H20/
D7 / C7 / V9 / U9 /
B4 / B7 / B10 / B15
G8/ D10/ G10/ L10/
F20/ B14/A13/ A7
P9 / N9 / K9 / W10 /
N10/ Y10/ AC10/ C12/
V10 / P10 / K10 /
D12/A13/ D14/ AD14/
D10 / C10 / AF12 /
K15/ Y16/ L17/ N17/
AE12 / Y12 / K12 /
R17/ D18/ D20/G20/
J12 / Y13 / W13 /
E22/ AB22/ G23/ L23/
J13 / D13 / C13 /
T23/ W23/ AF23/ B25/
W14 / K16 / J16 /
K25/U25/ AD25
Y17 / W17 / K17 /
J17 / W19 / V19 /
R19 / P19 / L19 /
K19 / D19 / C19 /
AF20 / AE20 / T20 /
R20 / M20 / L20 /
D21 / C22 / AC25 /
Y25 / W25 / AC26 /
R26 / L26 / A26 /
G27 / B27/ AA26/
M28/ AG16/ AH21=
vdds_sram
SRAM LDOs
W16
NA
U12
NA
vdds_mmc1
MMC IO power
K25
NA
N23
NA
domain for CMD,
CLK, and DAT(0..3)
pbias_mmc1(3)
MMC1 Pbias
NA
NA
N18
NA
vdds_mmc1a
Power supply for
P25
NA
P23
NA
MMC DAT [4..7]
pbias_mmc1a (4)
MMC1a Pbias
NA
NA
K23
NA
cap_vdd_sram_mp
SRAM LDO
V4
NA
N9(2)
NA
u_iva
capacitance for
VDDRAM1
cap_vdd_sram_cor
SRAM LDO
L21
NA
K20(2)
NA
e
capacitance for
VDDRAM2
pop_ddr_vdd_ft
POPed SDRAM
A15 / J28 / M1 /
AA23 / Y23 / K1 /
L1/AF13/AF17/AF18/A
J1/AA11/Y14/AA17/B1
power
AF28 / AE28
H23 / A12
20/U26/K26
6/P21/H21
pop_flash_vpp_ft
POPed flash vpp
AH13
AC11
AF13
AA11
pop_flash_vdd_ft
POPed flash power
N1 / AA1 / AF1 /
AC8 / AC13 / AA1 /
AF16/AF22/T2/Y2/AF8/
AA14/AA19/N2/T2/Y7/
AH10 / AH15
U1 / L1
AF5
AA6
pop_vss_ft
POPed devices
B15 / J27 / M2 /
AB8 / AB13 / AA2 /
AF15/AF21/AF24
AA13/Y17/Y19
ground
M26 / N2 / AA2 /
AA22 / U2 / L2 / K2 /
AF2 / AF27 / AG10 /
K22 / H22 / B12
AG15
(3)
The recommended configuration is pbias_mmc1 = vdds_mmc1.
(4)
The recommended configuration is pbias_mmc1a = vdds_mmc1a
TERMINAL DESCRIPTION
90
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com