| Electronic Components Datasheet Search |
|
OMAP3530-HiRel Datasheet(PDF) 75 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
OMAP3530-HiRel Datasheet(HTML) 75 Page - Texas Instruments |
|
75 / 239 page ![]() OMAP3525-HiRel and OMAP3530-HiRel Applications Processors www.ti.com SPRS599 – JUNE 2009 Table 2-14. Serial Communication Interfaces – McBSP LP Signals Description (continued) SIGNAL NAME DESCRIPTION TYPE(1) BALL BOTTOM BALL BOTTOM (CBB Pkg.) (CBC Pkg.) mcbsp1_fsx Transmit frame synchronization IO K26 P20 mcbsp_clks External clock input (shared by McBSP1, 2, I T21 T19 3, 4, and 5) MULTICHANNEL SERIAL (McBSP LP 2) mcbsp2_dr Received serial data I R21 T18 mcbsp2_dx Transmitted serial data IO M21 R19 mcbsp2_clkx Combined serial clock IO N21 R18 mcbsp2_fsx Combined frame synchronization IO P21 U18 MULTICHANNEL SERIAL (McBSP LP 3) mcbsp3_dr Received serial data I AE6 / AB25 / U21 T20 / AA24 / N3 mcbsp3_dx Transmitted serial data IO AF6 / AB26 / V21 U17 / Y24 / P3 mcbsp3_clkx Combined serial clock IO AF5 / AA25 / W21 T17 / AD22 / U3 mcbsp3_fsx Combined frame synchronization IO AE5 / AD25 / K26 P20 / AD21 / W3 MULTICHANNEL SERIAL (McBSP LP 4) mcbsp4_dr Received serial data I R8 / AD1 C4 / U4 mcbsp4_dx Transmitted serial data IO P8 / AD2 B5 / R3 mcbsp4_clkx Combined serial clock IO T8 / AE1 B4 / V3 mcbsp4_fsx Combined frame synchronization IO N8 / AC1 C5 / T3 MULTICHANNEL SERIAL (McBSP LP 5) mcbsp5_dr Received serial data I AE11 Y3 mcbsp5_dx Transmitted serial data IO AF13 AE3 mcbsp5_clkx Combined serial clock IO AF10 AB2 mcbsp5_fsx Combined frame synchronization IO AH9 AB1 Table 2-15. Serial Communication Interfaces – McSPI Signals Description SIGNAL NAME DESCRIPTION TYPE(1) BALL BOTTOM BALL BOTTOM (CBB Pkg.) (CBC Pkg.) MULTICHANNEL SERIAL PORT INTERFACE (McSPI1) mcspi1_clk SPI Clock IO AB3 P9 mcspi1_simo Slave data in, master data out IO AB4 P8 mcspi1_somi Slave data out, master data in IO AA4 P7 mcspi1_cs0 SPI Enable 0, polarity configured by IO AC2 R7 software mcspi1_cs1 SPI Enable 1, polarity configured by O AC3 R8 software mcspi1_cs2 SPI Enable 2, polarity configured by O AB1 R9 software mcspi1_cs3 SPI Enable 3, polarity configured by O AB2 T8 software (1) Type = Ball type for this specific function (I = Input, O = Output, Z = high-impedance, D = Open Drain, DS = Differential, A = Analog) Submit Documentation Feedback TERMINAL DESCRIPTION 75 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |