Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90SCR100 Datasheet(PDF) 168 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 168 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 164Page - ATMEL Corporation AT90SCR100 Datasheet HTML 165Page - ATMEL Corporation AT90SCR100 Datasheet HTML 166Page - ATMEL Corporation AT90SCR100 Datasheet HTML 167Page - ATMEL Corporation AT90SCR100 Datasheet HTML 168Page - ATMEL Corporation AT90SCR100 Datasheet HTML 169Page - ATMEL Corporation AT90SCR100 Datasheet HTML 170Page - ATMEL Corporation AT90SCR100 Datasheet HTML 171Page - ATMEL Corporation AT90SCR100 Datasheet HTML 172Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 433 page
background image
168
TPR0327AY–SMS–30Jan09
AT90SCR100
• Bit 7 - Res : Reserved Bit
This bit is a reserved bit in the AT90SCR100 and is always read as zero.
• Bit 6 - IERR : Isochronous Error Bit
This bit is a status bit.
It is set (one) by hardware when the CRC of a packet received in an Isochronous transfer is
incorrect or corrupted.
If the CRC is correct the bit is cleared (zero) by hardware.
This bit is not a source for the Endpoint interrupt.
• Bit 5 - FSTALL : Force Stall Bit
This bit is a control bit.
It is set (one) and cleared (zero) by software.
If it is set (one) the corresponding endpoint is stalled and the host immediately receives a STALL
as response to the IN or OUT tokens sent to this endpoint (see procedure on next page).
If it is cleared (zero) the corresponding endpoint is not stalled.
This bit is not a source for the Endpoint interrupt.
• Bit 4 - TXPB : Tx Packet Busy Bit
This bit is a control bit.
It is set (one) by software and cleared (zero) by hardware.
If it is cleared (zero), the DPRAM bank corresponding to the endpoint is empty. It can then be
filled with data to be sent.
If it is set (one), the data present in the DPRAM bank is sent.
This bit is not a source for the Endpoint interrupt.
• Bit 3 - STSENT : Stall Sent Bit
This bit is a status bit.
It is set (one) by hardware and cleared (zero) by software.
If it is set (one), a STALL has been sent from the corresponding endpoint to the host through the
USB bus.
This bit is a source for the Endpoint interrupt and must be cleared to acknowledge the
interruption.
• Bit 2 - RXSETUP : Rx Setup Bit
This bit is a status bit.
It is set (one) by hardware and cleared (zero) by software.
If it is set (one) and if the corresponding endpoint operates with Control mode transfers, a valid
Setup packet has been received from the host through the USB bus.
This bit is a source for the Endpoint interrupt and must be cleared to acknowledge the
interruption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com