| Electronic Components Datasheet Search |
|
SPMCK16Z4MPV16 Datasheet(PDF) 167 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPMCK16Z4MPV16 Datasheet(HTML) 167 Page - Freescale Semiconductor, Inc |
|
167 / 500 page ![]() M68HC16 Z SERIES SYSTEM INTEGRATION MODULE USER’S MANUAL 5-61 3. Request priority is latched into the CCR IP field from the address bus. D. Modules or external peripherals that have requested interrupt service decode the priority value in ADDR[3:1]. If request priority is the same as acknowledged priority, arbitration by IARB contention takes place. E. After arbitration, the interrupt acknowledge cycle is completed in one of the fol- lowing ways: 1. When there is no contention (IARB = %0000), the spurious interrupt monitor asserts BERR, and the CPU16 generates the spurious interrupt vector number. 2. The dominant interrupt source supplies a vector number and DSACK sig- nals appropriate to the access. The CPU16 acquires the vector number. 3. The AVEC signal is asserted (the signal can be asserted by the dominant interrupt source or the pin can be tied low), and the CPU16 generates an autovector number corresponding to interrupt priority. 4. The bus monitor asserts BERR and the CPU16 generates the spurious in- terrupt vector number. F. The vector number is converted to a vector address. G. The content of the vector address is loaded into the PC and the processor transfers control to the exception handler routine. 5.8.5 Interrupt Acknowledge Bus Cycles Interrupt acknowledge bus cycles are CPU space cycles that are generated during ex- ception processing. For further information about the types of interrupt acknowledge bus cycles determined by AVEC or DSACK, refer to APPENDIX A ELECTRICAL CHARACTERISTICS and the SIM Reference Manual (SIMRM/AD). 5.9 Chip-Selects Typical microcontrollers require additional hardware to provide external chip-select signals. The MCU includes 12 programmable chip-select circuits that can provide from two to 16 clock-cycle access to external memory and peripherals. Address block sizes of 2 Kbytes to 512 Kbytes can be selected. However, because ADDR[23:20] follow the state of ADDR19, 512-Kbyte blocks are the largest usable size. Figure 5-21 is a dia- gram of a basic system that uses chip-selects. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |