Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF4331 Datasheet(PDF) 245 Page - Microchip Technology

Part # PIC18LF4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331 Datasheet(HTML) 245 Page - Microchip Technology

Back Button PIC18LF4331 Datasheet HTML 241Page - Microchip Technology PIC18LF4331 Datasheet HTML 242Page - Microchip Technology PIC18LF4331 Datasheet HTML 243Page - Microchip Technology PIC18LF4331 Datasheet HTML 244Page - Microchip Technology PIC18LF4331 Datasheet HTML 245Page - Microchip Technology PIC18LF4331 Datasheet HTML 246Page - Microchip Technology PIC18LF4331 Datasheet HTML 247Page - Microchip Technology PIC18LF4331 Datasheet HTML 248Page - Microchip Technology PIC18LF4331 Datasheet HTML 249Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 245
PIC18F2331/2431/4331/4431
REGISTER 21-6:
ANSEL0: ANALOG SELECT REGISTER 0(1)
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
ANS7(2)
ANS6(2)
ANS5(2)
ANS4
ANS3
ANS2
ANS1
ANS0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
ANS<7:0>:
Analog Input Function Select bits
Correspond to pins, AN<7:0>.
1
= Analog input
0
= Digital I/O
Note 1:
Setting a pin to an analog input disables the digital input buffer. The corresponding TRIS bit should be set
for an input and cleared for an output (analog or digital). The ANSx bits directly correspond to the ANx pins
(e.g., ANS0 = AN0, ANS1 = AN1, etc.). Unused ANSx bits are read as ‘0’.
2:
ANS7 through ANS5 are available only on PIC18F4331/4431 devices.
REGISTER 21-7:
ANSEL1: ANALOG SELECT REGISTER 1(1)
U-0
U-0
U-0
U-0
U-0
U-0
U-0
R/W-1
—
—
—
—
—
—
—ANS8(2)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-1
Unimplemented:
Read as ‘0’
bit 0
ANS8:
Analog Input Function Select bit(2)
1
= Analog input
0
= Digital I/O
Note 1:
Setting a pin to an analog input disables the digital input buffer. The corresponding TRIS bit should be set
for an input and cleared for an output (analog or digital). The ANSx bits directly correspond to the ANx pins
(e.g., ANS8 = AN8, ANS9 = AN9, etc.). Unused ANSx bits are read as ‘0’.
2:
ANS8 is available only on PIC18F4331/4431 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com