Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX53CEC Datasheet(PDF) 133 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 133 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 129Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 130Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 131Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 132Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 133Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 134Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 135Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 136Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 137Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 204 page
background image
Electrical Characteristics
i.MX53xD Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
133
NOTE
•
All the timings for the SSI are given for a non-inverted serial clock
polarity (TSCKP/RSCKP = 0) and a non-inverted frame sync
(TFSI/RFSI = 0). If the polarity of the clock and/or the frame sync have
been inverted, all the timing remains valid by inverting the clock signal
STCK/SRCK and/or the frame sync STFS/SRFS shown in the tables
and in the figures.
•
All timings are on Audiomux Pads when SSI is being used for data
transfer.
•
“Tx” and “Rx” refer to the Transmit and Receive sections of the SSI.
•
The terms WL and BL refer to Word Length (WL) and Bit Length (BL).
•
For internal Frame Sync operation using external clock, the FS timing is
same as that of Tx Data (for example, during AC97 mode of operation).
4.7.17
UART I/O Configuration and Timing Parameters
4.7.17.1
UART RS-232 I/O Configuration in Different Modes
The i.MX53xD UART interfaces can serve both as DTE or DCE device. This can be configured by the
DCEDTE control bit (default 0 – DCE mode). Table 87 shows the UART I/O configuration based on the
enabled mode.
4.7.17.2
UART RS-232 Serial Mode Timing
The following sections describe the electrical information of the UART module in the RS-232 mode.
4.7.17.2.1
UART Transmitter
Figure 85 depicts the transmit timing of UART in the RS-232 serial mode, with 8 data bit/1 stop bit format.
Table 88 lists the UART RS-232 serial mode transmit timing characteristics.
Table 87. UART I/O Configuration vs. Mode
Port
DTE Mode
DCE Mode
Direction
Description
Direction
Description
RTS
Output
RTS from DTE to DCE
Input
RTS from DTE to DCE
CTS
Input
CTS from DCE to DTE
Output
CTS from DCE to DTE
DTR
Output
DTR from DTE to DCE
Input
DTR from DTE to DCE
DSR
Input
DSR from DCE to DTE
Output
DSR from DCE to DTE
DCD
Input
DCD from DCE to DTE
Output
DCD from DCE to DTE
RI
Input
RING from DCE to DTE
Output
RING from DCE to DTE
TXD_MUX
Input
Serial data from DCE to DTE
Output
Serial data from DCE to DTE
RXD_MUX
Output
Serial data from DTE to DCE
Input
Serial data from DTE to DCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com