Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX53CEC Datasheet(PDF) 136 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 136 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 132Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 133Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 134Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 135Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 136Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 137Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 138Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 139Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 140Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 204 page
background image
i.MX53xD Applications Processors for Consumer Products, Rev. 2
136
Freescale Semiconductor
Electrical Characteristics
4.7.18
USB-OH-3 Parameters
This section describes the electrical parameters of the USB OTG port and USB HOST ports. For on-chip
USB PHY parameters see Section 4.7.19, “USB PHY Parameters.”
4.7.18.1
Serial Interface
In order to support four serial different interfaces, the USB serial transceiver can be configured to operate
in one of four modes:
•
DAT_SE0 bidirectional, 3-wire mode
•
DAT_SE0 unidirectional, 6-wire mode
•
VP_VM bidirectional, 4-wire mode
•
VP_VM unidirectional, 6-wire mode
4.7.18.1.1
DAT_SE0 Bidirectional Mode
Figure 89. USB Transmit Waveform in DAT_SE0 Bidirectional Mode
Table 92. Signal Definitions - DAT_SE0 Bidirectional Mode
Name
Direction
Signal Description
USB_TXOE_B
Out
Transmit enable, active low
USB_DAT_VP
Out
In
TX data when USB_TXOE_B is low
Differential RX data when USB_TXOE_B is high
USB_SE0_VM
Out
In
SE0 drive when USB_TXOE_B is low
SE0 RX indicator when USB_TXOE_B is high
USB_DAT_VP
USB_SE0_VM
US1
US2
Transmit
US4
USB_TXOE_B
US3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com