Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX53CEC Datasheet(PDF) 152 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 152 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 148Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 149Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 150Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 151Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 152Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 153Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 154Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 155Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 156Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 204 page
background image
i.MX53xD Applications Processors for Consumer Products, Rev. 2
152
Freescale Semiconductor
Package Information and Contact Assignments
The following notes apply to Figure 98, Figure 99, and Figure 100.
1. All dimensions are in millimeters.
2. Dimensions and tolerancing per ASME Y14.5M1–994.
6.1.2
19 x 19 mm Signal Assignments, Power Rails, and I/O
Table 111 shows the device connection list for ground, power, sense, and reference contact signals.
Table 112 displays an alpha-sorted list of the signal assignments including associated power supplies. The
table also includes out of reset pad state. Table 113 shows the package ball map.
6.1.2.1
19 x 19 mm Ground, Power, Sense, and Reference Contact Assignments
Table 111 shows the device connection list for ground, power, sense, and reference contact signals
alpha-sorted by name.
Table 111. 19 x 19 mm Ground, Power, Sense, and Reference Contact Assignments
Contact Name
Package Contact Assignment(s)
DDR_VREF
L17
GND
A1, A11, A13, A18, A2, A22, A23, AA11, AA15, AA20, AA21, AB1, AB18, AB2, AB22, AB23,
AC1, AC18, AC2, AC22, AC23, B1, B11, B13, B18, B23, C12, C20, C21, D19, E19, F19, F20,
F21, F22, G19, G7, H10, H12, H8, J11, J13, J15, J17, J20, J9, K10, K12, K14, K16, K21, K8,
L11, L13, L15, L7, L9, M10, M12, M14, M16, M8, N11, N13, N15, N9, P10, P12, P14, P16,
P21, P7, P8, R11, R13, R15, R17, R20, R9, T10, T14, T16, T8, U15, U19, V15, V18, V19,
V20, V21, V22, W19, Y14, Y15, Y19
NVCC_CKIH
G17
NVCC_CSI
R7
NVCC_EIM_MAIN
U10, U9
NVCC_EIM_SEC
U7
NVCC_EMI_DRAM
H18, K17, N17, P17, T18
NVCC_FEC
F11
NVCC_GPIO
F8
NVCC_JTAG
G9
NVCC_KEYPAD
F7
NVCC_LCD
J6, J7
NVCC_LVDS
U13
NVCC_LVDS_BG
U14
NVCC_NANDF
T12
NVCC_PATA
N7
NVCC_RESET
H16
NVCC_SD1
H15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com