Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX53CEC Datasheet(PDF) 150 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 150 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 146Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 147Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 148Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 149Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 150Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 151Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 152Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 153Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 154Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 204 page
background image
i.MX53xD Applications Processors for Consumer Products, Rev. 2
150
Freescale Semiconductor
Package Information and Contact Assignments
6
Package Information and Contact Assignments
This section includes the contact assignment information and mechanical package drawing.
6.1
19x19 mm Package Information
This section contains the outline drawing, signal assignment map, ground/power reference ID (by ball grid
location) for the 19
× 19 mm, 0.8 mm pitch package.
6.1.1
Case TEPBGA-2, 19 x 19 mm, 0.8 mm Pitch, 23 x 23 Ball Matrix
Figure 98 shows the top view of the 19
×19 mm package, Figure 99 shows the bottom view and the ball
location (529 solder balls) of the 19
×19 mm package, and Figure 100 shows the side view of the 19×19
mm package.
Figure 98. 19 x 19 mm Package Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com