Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX53CEC Datasheet(PDF) 146 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 146 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 142Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 143Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 144Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 145Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 146Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 147Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 148Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 149Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 150Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 204 page
background image
i.MX53xD Applications Processors for Consumer Products, Rev. 2
146
Freescale Semiconductor
Electrical Characteristics
4.7.19.4
USB PHY Voltage Thresholds
Table 105 lists the USB PHY voltage thresholds.
4.7.19.5
USB PHY Termination
USB driver impedance in FS and HS modes is 45 Ω ±10% (steady state). No external resistors required.
4.8
XTAL Electrical Specifications
Table 106 shows the XTALOSC electrical specifications.
Table 107 shows the XTALOSC_32K electrical specifications.
4.9
Integrated LDO Voltage Regulators Parameters
The PLL supplies VDD_DIG_PLL and VDD_ANA_PLL can be powered ON from internal LDO voltage
regulator (default case). In this case VDD_REG is used as internal regulator’s power source. The
regulator’s output can be used as a supply for other domains such as VDDA and VDDAL1.
Table 108 shows the VDD_DIG_PLL and VDD_ANA_PLL Integrated Voltage Regulators Parameters.
Table 105.
VBUS Comparators Thresholds
Parameter
Conditions
Min
Typ
Max
Unit
A-Device Session Valid
—
0.8
1.4
2.0
V
B-Device Session Valid
—
0.8
1.4
4.0
V
B-Device Session End
—
0.2
0.45
0.8
V
VBUS Valid Comparator Threshold1
1 For VBUS maximum rating, see Table 4 on page 18
—4.4
4.6
4.75
V
Table 106. XTALOSC Electrical Specifications
Parameter
Min
Typ
Max
Units
Frequency
22
24
27
MHz
Table 107. XTALOSC_32K Electrical Specifications
Parameter
Min
Typ
Max
Units
Frequency
--
32.768/32.01
1 Recommended nominal frequency 32.768 kHz.
--
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com