Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX53CEC Datasheet(PDF) 145 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 145 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 141Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 142Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 143Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 144Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 145Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 146Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 147Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 148Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 149Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 204 page
background image
Electrical Characteristics
i.MX53xD Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
145
4.7.19.2
USB PHY Additional Electrical Parameters
Table 103 lists the parameters for additional electrical characteristics for USB PHY.
4.7.19.3
USB PHY System Clocking (SYSCLK)
Table 104 lists the USB PHY system clocking parameters.
Table 102. USB PHY AC Timing Parameters
Parameter
Conditions
Min
Typ
Max
Unit
trise
1.5 Mbps
12 Mbps
480 Mbps
75
4
0.5
—300
20
ns
tfall
1.5 Mbps
12 Mbps
480 Mbps
75
4
0.5
—300
20
ns
Jitter
1.5 Mbps
12 Mbps
480 Mbps
——
10
1
0.2
ns
Table 103. Additional Electrical Characteristics for USB PHY
Parameter
Conditions
Min
Typ
Max
Unit
Vcm DC
(dc level measured at receiver connector)
HS Mode
LS/FS Mode
–0.05
0.8
—0.5
2.5
V
Crossover Voltage
LS Mode
FS Mode
1.3
1.3
—2
2
V
Power supply ripple noise
(analog 3.3 V)
<160 MHz
–50
0
50
mV
Power supply ripple noise
(analog 2.5 V)
<1.2 MHz
>1.2 MHz
–10
–50
0
0
10
50
mV
Power supply ripple noise
(Digital 1.2 V)
All conditions
–50
0
50
mV
Table 104. USB PHY System Clocking Parameters
Parameter
Conditions
Min
Typ
Max
Unit
Clock deviation
Reference Clock
frequency 24 MHz
–150
—
150
ppm
Rise/fall time
—
—
—
200
ps
Jitter (peak-peak)
< 1.2 MHz
0
—
50
ps
Jitter (peak-peak)
> 1.2 MHz
0
—
100
ps
Duty-cycle
Reference Clock
frequency 24 MHz
40
—
60
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com