Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX53CEC Datasheet(PDF) 147 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 147 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 143Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 144Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 145Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 146Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 147Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 148Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 149Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 150Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 151Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 204 page
background image
Boot Mode Configuration
i.MX53xD Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
147
5
Boot Mode Configuration
This section provides information on boot mode configuration pins allocation and boot devices interfaces
allocation.
5.1
Boot Mode Configuration Pins
Table 109 provides boot options, functionality, fuse values, and associated pins. Several input pins are also
sampled at reset and can be used to override fuse values, depending on the value of BT_FUSE_SEL fuse.
The boot option pins are in effect when BT_FUSE_SEL fuse is ‘0’ (cleared, which is the case for an
unblown fuse). For detailed boot mode options configured by the boot mode pins, please refer to the
i.MX53xD Fuse Map document and Boot chapter in i.MX53 Reference Manual.
Table 108. LDO Voltage Regulators Electrical Specifications
Parameter
Symbol
Min
Typ
Max
Units
VDD_DIG_PLL functional Voltage
Range1
1
VDD_DIG_PLL and VDD_ANA_PLL voltages are programmable, but should not be set outside the target functional range
for proper PLL operation.
VVID_DIG_PLL
1.15
1.2
1.3
V
VDD_ANA_PLL functional Voltage
Range1
VVDD_ANA_PLL
1.7
1.8
1.95
V
VDD_DIG_PLL and VDD_ANA_PLL
accuracy
——
—
+/–3
%
VDD_DIG_PLL power-supply rejection
ratio2
2 The gain or attenuation from the input supply variation to the output of the LDO (by design).
——
–18
—
dB
VDD_ANA_PLL power-supply rejection
ratio2
——
–15
—
dB
Output current3
3 The limitation is for sum of the VDD_DIG_PLL and VDD_ANA_PLL current.
IVID_DIG_PLL+
IVDD_ANA_PLL
—
—
125
mA
Table 109. Fuses and Associated Pins Used for Boot
Pin
Direction at
Reset
E-Fuse Name
Details
BOOT_MODE[1]
Input
N/A
Boot Mode selection
BOOT_MODE[0]
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com