Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX53CEC Datasheet(PDF) 167 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 167 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 163Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 164Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 165Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 166Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 167Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 168Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 169Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 170Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 171Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 204 page
background image
Package Information and Contact Assignments
i.MX53xD Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
167
SD1_CLK
E16
NVCC_SD1
UHVIO
ALT1
GPIO-1
gpio1_GPIO[20]
Input
100 K
Ω PU
SD1_CMD
F18
NVCC_SD1
UHVIO
ALT1
GPIO-1
gpio1_GPIO[18]
Input
100 K
Ω PU
SD1_DATA0
A20
NVCC_SD1
UHVIO
ALT1
GPIO-1
gpio1_GPIO[16]
Input
100 K
Ω PU
SD1_DATA1
C17
NVCC_SD1
UHVIO
ALT1
GPIO-1
gpio1_GPIO[17]
Input
100 K
Ω PU
SD1_DATA2
F17
NVCC_SD1
UHVIO
ALT1
GPIO-1
gpio1_GPIO[19]
Input
100 K
Ω PU
SD1_DATA3
F16
NVCC_SD1
UHVIO
ALT1
GPIO-1
gpio1_GPIO[21]
Input
100 K
Ω PU
SD2_CLK
E14
NVCC_SD2
UHVIO
ALT1
GPIO-1
gpio1_GPIO[10]
Input
100 K
Ω PU
SD2_CMD
C15
NVCC_SD2
UHVIO
ALT1
GPIO-1
gpio1_GPIO[11]
Input
100 K
Ω PU
SD2_DATA0
D13
NVCC_SD2
UHVIO
ALT1
GPIO-1
gpio1_GPIO[15]
Input
100 K
Ω PU
SD2_DATA1
C14
NVCC_SD2
UHVIO
ALT1
GPIO-1
gpio1_GPIO[14]
Input
100 K
Ω PU
SD2_DATA2
D14
NVCC_SD2
UHVIO
ALT1
GPIO-1
gpio1_GPIO[13]
Input
100 K
Ω PU
SD2_DATA3
E13
NVCC_SD2
UHVIO
ALT1
GPIO-1
gpio1_GPIO[12]
Input
100 K
Ω PU
TEST_MODE
D17
NVCC_RESET
LVIO
ALT0
tcu_TEST_MOD
E
Input
100 K
Ω PD
TVCDC_IOB_
BACK
AB19
TVDAC_AHVDDRG
B
ANALOG
—
TVE
TVCDC_IOB_BA
CK
——
TVCDC_IOG_
BACK
AC20
TVDAC_AHVDDRG
B
ANALOG
—
TVE
TVCDC_IOG_BA
CK
——
TVCDC_IOR_
BACK
AB21
TVDAC_AHVDDRG
B
ANALOG
—
TVE
TVCDC_IOR_BA
CK
——
TVDAC_COM
P
AA19
TVDAC_AHVDDRG
B
ANALOG
—
TVE
TVDAC_COMP
—
—
TVDAC_IOB
AC19
TVDAC_AHVDDRG
B
ANALOG
—
TVE
TVDAC_IOB
—
—
TVDAC_IOG
AB20
TVDAC_AHVDDRG
B
ANALOG
—
TVE
TVDAC_IOG
—
—
TVDAC_IOR
AC21
TVDAC_AHVDDRG
B
ANALOG
—
TVE
TVDAC_IOR
—
—
TVDAC_VREF Y18
TVDAC_AHVDDRG
B
ANALOG
—
TVE
TVDAC_VREF
—
—
USB_H1_DN
B17
USB_H1_VDDA25,
USB_H1_VDDA33
ANALOG50 —
USB
USB_H1_DN
—
—
Table 112. 19 x 19 mm Signal Assignments, Power Rails, and I/O (continued)
Contact Name
Package
Contact
Assign
ment
Power Rail
I/O Buffer
Type
Out of Reset Condition1
Alt.
Mode
Block I/O
Direction
Config./
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com