Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX53CEC Datasheet(PDF) 165 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 165 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 161Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 162Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 163Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 164Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 165Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 166Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 167Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 168Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 169Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 204 page
background image
Package Information and Contact Assignments
i.MX53xD Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
165
LVDS1_TX3_
N
AA12
NVCC_LVDS
LVDS
ALT0
GPIO-6
gpio6_GPI[23]
Input
Floating
LVDS1_TX3_P Y12
NVCC_LVDS
LVDS
ALT0
GPIO-6
gpio6_GPI[22]
Input
Floating
NANDF_ALE
Y11
NVCC_NANDF
UHVIO
ALT1
GPIO-6
gpio6_GPIO[8]
Input
100 K
Ω PU
NANDF_CLE
AA10
NVCC_NANDF
UHVIO
ALT1
GPIO-6
gpio6_GPIO[7]
Input
100 K
Ω PU
NANDF_CS0
W12
NVCC_NANDF
UHVIO
ALT1
GPIO-6
gpio6_GPIO[11]
Input
100 K
Ω PU
NANDF_CS1
V13
NVCC_NANDF
UHVIO
ALT1
GPIO-6
gpio6_GPIO[14]
Input
100 K
Ω PU
NANDF_CS2
V14
NVCC_NANDF
UHVIO
ALT1
GPIO-6
gpio6_GPIO[15]
Input
100 K
Ω PU
NANDF_CS3
W13
NVCC_NANDF
UHVIO
ALT1
GPIO-6
gpio6_GPIO[16]
Input
100 K
Ω PU
NANDF_RB0
U11
NVCC_NANDF
UHVIO
ALT1
GPIO-6
gpio6_GPIO[10]
Input
100 K
Ω PU
NANDF_RE_B AC8
NVCC_EIM_MAIN
UHVIO
ALT1
GPIO-6
gpio6_GPIO[13]
Input
100 K
Ω PU
NANDF_WE_
B
AB8
NVCC_EIM_MAIN
UHVIO
ALT1
GPIO-6
gpio6_GPIO[12]
Input
100 K
Ω PU
NANDF_WP_
B
AC9
NVCC_NANDF
UHVIO
ALT1
GPIO-6
gpio6_GPIO[9]
Input
100 K
Ω PU
PATA_BUFFE
R_EN
K4
NVCC_PATA
UHVIO
ALT1
GPIO-7
gpio7_GPIO[1]
Input
100 K
Ω PU
PATA_CS_0
L5
NVCC_PATA
UHVIO
ALT1
GPIO-7
gpio7_GPIO[9]
Input
100 K
Ω PU
PATA_CS_1
L2
NVCC_PATA
UHVIO
ALT1
GPIO-7
gpio7_GPIO[10]
Input
100 K
Ω PU
PATA_DA_0
K6
NVCC_PATA
UHVIO
ALT1
GPIO-7
gpio7_GPIO[6]
Input
100 K
Ω PU
PATA_DA_1
L3
NVCC_PATA
UHVIO
ALT1
GPIO-7
gpio7_GPIO[7]
Input
100 K
Ω PU
PATA_DA_2
L4
NVCC_PATA
UHVIO
ALT1
GPIO-7
gpio7_GPIO[8]
Input
100 K
Ω PU
PATA_DATA0
L1
NVCC_PATA
UHVIO
ALT1
GPIO-2
gpio2_GPIO[0]
Input
100 K
Ω PU
PATA_DATA1
M1
NVCC_PATA
UHVIO
ALT1
GPIO-2
gpio2_GPIO[1]
Input
100 K
Ω PU
PATA_DATA10
N4
NVCC_PATA
UHVIO
ALT1
GPIO-2
gpio2_GPIO[10]
Input
100 K
Ω PU
PATA_DATA11
M6
NVCC_PATA
UHVIO
ALT1
GPIO-2
gpio2_GPIO[11]
Input
100 K
Ω PU
PATA_DATA12
N5
NVCC_PATA
UHVIO
ALT1
GPIO-2
gpio2_GPIO[12]
Input
100 K
Ω PU
PATA_DATA13
N6
NVCC_PATA
UHVIO
ALT1
GPIO-2
gpio2_GPIO[13]
Input
100 K
Ω PU
PATA_DATA14
P6
NVCC_PATA
UHVIO
ALT1
GPIO-2
gpio2_GPIO[14]
Input
100 K
Ω PU
PATA_DATA15
P5
NVCC_PATA
UHVIO
ALT1
GPIO-2
gpio2_GPIO[15]
Input
100 K
Ω PU
Table 112. 19 x 19 mm Signal Assignments, Power Rails, and I/O (continued)
Contact Name
Package
Contact
Assign
ment
Power Rail
I/O Buffer
Type
Out of Reset Condition1
Alt.
Mode
Block I/O
Direction
Config./
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com