Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX53CEC Datasheet(PDF) 161 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 161 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 157Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 158Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 159Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 160Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 161Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 162Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 163Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 164Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 165Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 204 page
background image
Package Information and Contact Assignments
i.MX53xD Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
161
EIM_D30
W4
NVCC_EIM_SEC
UHVIO
ALT1
GPIO-3
gpio3_GPIO[30]
Input
100 K
Ω PU
EIM_D31
W5
NVCC_EIM_SEC
UHVIO
ALT1
GPIO-3
gpio3_GPIO[31]
Input
360 K
Ω PD
EIM_DA0
Y8
NVCC_EIM_MAIN
UHVIO
ALT0
EXTMC emi_NAND_EIM
_DA[0]
Input2
100 K
Ω PU
EIM_DA1
AC4
NVCC_EIM_MAIN
UHVIO
ALT0
EXTMC emi_NAND_EIM
_DA[1]
Input2
100 K
Ω PU
EIM_DA10
AB7
NVCC_EIM_MAIN
UHVIO
ALT0
EXTMC emi_NAND_EIM
_DA[10]
Input2
100 K
Ω PU
EIM_DA11
AC6
NVCC_EIM_MAIN
UHVIO
ALT0
EXTMC emi_NAND_EIM
_DA[11]
Input
100 K
Ω PU
EIM_DA12
V10
NVCC_EIM_MAIN
UHVIO
ALT0
EXTMC emi_NAND_EIM
_DA[12]
Input
100 K
Ω PU
EIM_DA13
AC7
NVCC_EIM_MAIN
UHVIO
ALT0
EXTMC emi_NAND_EIM
_DA[13]
Input
100 K
Ω PU
EIM_DA14
Y10
NVCC_EIM_MAIN
UHVIO
ALT0
EXTMC emi_NAND_EIM
_DA[14]
Input
100 K
Ω PU
EIM_DA15
AA9
NVCC_EIM_MAIN
UHVIO
ALT0
EXTMC emi_NAND_EIM
_DA[15]
Input
100 K
Ω PU
EIM_DA2
AA7
NVCC_EIM_MAIN
UHVIO
ALT0
EXTMC emi_NAND_EIM
_DA[2]
Input2
100 K
Ω PU
EIM_DA3
W9
NVCC_EIM_MAIN
UHVIO
ALT0
EXTMC emi_NAND_EIM
_DA[3]
Input2
100 K
Ω PU
EIM_DA4
AB6
NVCC_EIM_MAIN
UHVIO
ALT0
EXTMC emi_NAND_EIM
_DA[4]
Input2
100 K
Ω PU
EIM_DA5
V9
NVCC_EIM_MAIN
UHVIO
ALT0
EXTMC emi_NAND_EIM
_DA[5]
Input2
100 K
Ω PU
EIM_DA6
Y9
NVCC_EIM_MAIN
UHVIO
ALT0
EXTMC emi_NAND_EIM
_DA[6]
Input2
100 K
Ω PU
EIM_DA7
AC5
NVCC_EIM_MAIN
UHVIO
ALT0
EXTMC emi_NAND_EIM
_DA[7]
Input2
100 K
Ω PU
EIM_DA8
AA8
NVCC_EIM_MAIN
UHVIO
ALT0
EXTMC emi_NAND_EIM
_DA[8]
Input2
100 K
Ω PU
EIM_DA9
W10
NVCC_EIM_MAIN
UHVIO
ALT0
EXTMC emi_NAND_EIM
_DA[9]
Input2
100 K
Ω PU
EIM_EB0
AC3
NVCC_EIM_MAIN
UHVIO
ALT0
EXTMC emi_EIM_EB[0]
Output2
—
Table 112. 19 x 19 mm Signal Assignments, Power Rails, and I/O (continued)
Contact Name
Package
Contact
Assign
ment
Power Rail
I/O Buffer
Type
Out of Reset Condition1
Alt.
Mode
Block I/O
Direction
Config./
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com