Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX53CEC Datasheet(PDF) 159 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 159 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 155Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 156Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 157Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 158Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 159Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 160Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 161Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 162Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 163Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 204 page
background image
Package Information and Contact Assignments
i.MX53xD Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
159
DRAM_SDBA
2
N19
NVCC_EMI_DRAM
DDR3
ALT0
EXTMC emi_DRAM_SDB
A[2]
Output
Low
DRAM_SDCK
E0
H19
NVCC_EMI_DRAM
DDR3
ALT0
EXTMC emi_DRAM_SDC
KE[0]
Output
Low
DRAM_SDCK
E1
T19
NVCC_EMI_DRAM
DDR3
ALT0
EXTMC emi_DRAM_SDC
KE[1]
Output
Low
DRAM_SDCL
K_0
K23
NVCC_EMI_DRAM
DDR3CLK
ALT0
EXTMC emi_DRAM_SDC
LK0
Output
Floating
DRAM_SDCL
K_0_B
K22
NVCC_EMI_DRAM
DDR3CLK
ALT0
EXTMC emi_DRAM_SDC
LK0_B
Output
Floating
DRAM_SDCL
K_1
P22
NVCC_EMI_DRAM
DDR3CLK
ALT0
EXTMC emi_DRAM_SDC
LK1
Output
Floating
DRAM_SDCL
K_1_B
P23
NVCC_EMI_DRAM
DDR3CLK
ALT0
EXTMC emi_DRAM_SDC
LK1_B
Output
Floating
DRAM_SDOD
T0
J18
NVCC_EMI_DRAM
DDR3
ALT0
EXTMC emi_DRAM_ODT
[0]
Output
Low
DRAM_SDOD
T1
R18
NVCC_EMI_DRAM
DDR3
ALT0
EXTMC emi_DRAM_ODT
[1]
Output
Low
DRAM_SDQS
0
H23
NVCC_EMI_DRAM
DDR3CLK
ALT0
EXTMC emi_DRAM_SDQ
S[0]
Input
Low
DRAM_SDQS
0_B
H22
NVCC_EMI_DRAM
DDR3CLK
ALT0
EXTMC emi_DRAM_SDQ
S_B[0]
Input
High
DRAM_SDQS
1
D23
NVCC_EMI_DRAM
DDR3CLK
ALT0
EXTMC emi_DRAM_SDQ
S[1]
Input
Low
DRAM_SDQS
1_B
D22
NVCC_EMI_DRAM
DDR3CLK
ALT0
EXTMC emi_DRAM_SDQ
S_B[1]
Input
High
DRAM_SDQS
2
T22
NVCC_EMI_DRAM
DDR3CLK
ALT0
EXTMC emi_DRAM_SDQ
S[2]
Input
Low
DRAM_SDQS
2_B
T23
NVCC_EMI_DRAM
DDR3CLK
ALT0
EXTMC emi_DRAM_SDQ
S_B[2]
Input
High
DRAM_SDQS
3
Y22
NVCC_EMI_DRAM
DDR3CLK
ALT0
EXTMC emi_DRAM_SDQ
S[3]
Input
Low
DRAM_SDQS
3_B
Y23
NVCC_EMI_DRAM
DDR3CLK
ALT0
EXTMC emi_DRAM_SDQ
S_B[3]
Input
High
DRAM_SDWE L19
NVCC_EMI_DRAM
DDR3
ALT0
EXTMC emi_DRAM_SD
WE
Output
High
Table 112. 19 x 19 mm Signal Assignments, Power Rails, and I/O (continued)
Contact Name
Package
Contact
Assign
ment
Power Rail
I/O Buffer
Type
Out of Reset Condition1
Alt.
Mode
Block I/O
Direction
Config./
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com