Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX53CEC Datasheet(PDF) 160 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 160 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 156Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 157Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 158Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 159Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 160Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 161Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 162Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 163Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 164Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 204 page
background image
i.MX53xD Applications Processors for Consumer Products, Rev. 2
160
Freescale Semiconductor
Package Information and Contact Assignments
ECKIL
AC10
NVCC_SRTC_POW
ANALOG
—
SRTC
ECKIL {no block
I/O by this name
in RM}
——
EIM_A16
AA5
NVCC_EIM_MAIN
UHVIO
ALT0
EXTMC emi_EIM_A[16]
Output2
—
EIM_A17
V7
NVCC_EIM_MAIN
UHVIO
ALT0
EXTMC emi_EIM_A[17]
Output2
—
EIM_A18
AB3
NVCC_EIM_MAIN
UHVIO
ALT0
EXTMC emi_EIM_A[18]
Output2
—
EIM_A19
W7
NVCC_EIM_MAIN
UHVIO
ALT0
EXTMC emi_EIM_A[19]
Output2
—
EIM_A20
Y6
NVCC_EIM_MAIN
UHVIO
ALT0
EXTMC emi_EIM_A[20]
Output2
—
EIM_A21
AA4
NVCC_EIM_MAIN
UHVIO
ALT0
EXTMC emi_EIM_A[21]
Output2
—
EIM_A22
AA3
NVCC_EIM_MAIN
UHVIO
ALT0
EXTMC emi_EIM_A[22]
Output2
—
EIM_A23
V6
NVCC_EIM_MAIN
UHVIO
ALT0
EXTMC emi_EIM_A[23]
Output
—
EIM_A24
Y5
NVCC_EIM_MAIN
UHVIO
ALT0
EXTMC emi_EIM_A[24]
Output
—
EIM_A25
W6
NVCC_EIM_MAIN
UHVIO
ALT0
EXTMC emi_EIM_A[25]
Output
—
EIM_BCLK
W11
NVCC_EIM_MAIN
UHVIO
ALT0
EXTMC emi_EIM_BCLK
Output
—
EIM_CS0
W8
NVCC_EIM_MAIN
UHVIO
ALT0
EXTMC emi_EIM_CS[0]
Output
—
EIM_CS1
Y7
NVCC_EIM_MAIN
UHVIO
ALT0
EXTMC emi_EIM_CS[1]
Output
—
EIM_D16
U6
NVCC_EIM_SEC
UHVIO
ALT1
GPIO-3
gpio3_GPIO[16]
Input
100 K
Ω PU
EIM_D17
U5
NVCC_EIM_SEC
UHVIO
ALT1
GPIO-3
gpio3_GPIO[17]
Input
100 K
Ω PU
EIM_D18
V1
NVCC_EIM_SEC
UHVIO
ALT1
GPIO-3
gpio3_GPIO[18]
Input
100 K
Ω PU
EIM_D19
V2
NVCC_EIM_SEC
UHVIO
ALT1
GPIO-3
gpio3_GPIO[19]
Input
100 K
Ω PU
EIM_D20
W1
NVCC_EIM_SEC
UHVIO
ALT1
GPIO-3
gpio3_GPIO[20]
Input
100 K
Ω PU
EIM_D21
V3
NVCC_EIM_SEC
UHVIO
ALT1
GPIO-3
gpio3_GPIO[21]
Input
100 K
Ω PU
EIM_D22
W2
NVCC_EIM_SEC
UHVIO
ALT1
GPIO-3
gpio3_GPIO[22]
Input
360 K
Ω PD
EIM_D23
Y1
NVCC_EIM_SEC
UHVIO
ALT1
GPIO-3
gpio3_GPIO[23]
Input
100 K
Ω PU
EIM_D24
Y2
NVCC_EIM_SEC
UHVIO
ALT1
GPIO-3
gpio3_GPIO[24]
Input
100 K
Ω PU
EIM_D25
W3
NVCC_EIM_SEC
UHVIO
ALT1
GPIO-3
gpio3_GPIO[25]
Input
100 K
Ω PU
EIM_D26
V5
NVCC_EIM_SEC
UHVIO
ALT1
GPIO-3
gpio3_GPIO[26]
Input
100 K
Ω PU
EIM_D27
V4
NVCC_EIM_SEC
UHVIO
ALT1
GPIO-3
gpio3_GPIO[27]
Input
100 K
Ω PU
EIM_D28
AA1
NVCC_EIM_SEC
UHVIO
ALT1
GPIO-3
gpio3_GPIO[28]
Input
100 K
Ω PU
EIM_D29
AA2
NVCC_EIM_SEC
UHVIO
ALT1
GPIO-3
gpio3_GPIO[29]
Input
100 K
Ω PU
Table 112. 19 x 19 mm Signal Assignments, Power Rails, and I/O (continued)
Contact Name
Package
Contact
Assign
ment
Power Rail
I/O Buffer
Type
Out of Reset Condition1
Alt.
Mode
Block I/O
Direction
Config./
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com