Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX53CEC Datasheet(PDF) 173 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 173 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 169Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 170Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 171Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 172Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 173Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 174Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 175Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 176Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 177Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 204 page
background image
Package Information and Contact Assignments
i.MX53xD Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
173
6.3
PoP 12 x 12 mm Package on Package (PoP) Information
This section contains the outline drawing, signal assignment map, ground/power reference ID (by ball grid
location) for the 12 x 12 mm, 0.4 mm pitch PoP package.
6.3.1
Case PoP, 0.4 mm Pitch, 12 x 12 Ball Matrix
Figure 101. 12x12 mm PoP Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com