Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX53CEC Datasheet(PDF) 175 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 175 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 171Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 172Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 173Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 174Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 175Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 176Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 177Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 178Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 179Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 204 page
background image
Package Information and Contact Assignments
i.MX53xD Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
175
Figure 103. 12 x 12 mm PoP, Side View
The following notes apply to Figure 101, Figure 102, and Figure 103.
1 All dimensions are in millimeters.
2 Dimensions and tolerancing per ASME Y14.5M–1994.
3 Terminal position designation per JESD 95-1, SPP-010
4 Compliant to JESD 95-1 design guide 4.22, no exact variation, and with exception to dimension ‘A’
5 Raw solder ball size during assembly is 0.25mm
6.3.2
12x 12 PoP Signal Assignments, Power Rails, and I/O
Table 114 and Table 115 show the device connection list for ground, power, sense, and reference contact
signals.
Table 118 displays an alpha-sorted list of the signal assignments including associated power supplies. The
table also includes out of reset pad state. Table 119 and Table 120 show the package ball maps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com