Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX53CEC Datasheet(PDF) 178 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 178 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 174Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 175Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 176Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 177Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 178Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 179Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 180Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 181Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 182Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 204 page
background image
i.MX53xD Applications Processors for Consumer Products, Rev. 2
178
Freescale Semiconductor
Package Information and Contact Assignments
6.3.2.2
PoP Memory Support and Signal Cross Reference
Support is provided for 8- and 16-bit MLC NAND Flash mounted on the top of the package. To ensure
JESD209 compliance, dedicated PCB connections are required per Table 116. With NAND flash selected
as the boot source, NANDF_CLE and the EIM signals are configured as outputs. The PATA signals are
configured as inputs with weak pull-ups (default) which allows the NANDF_CLE and the EIM signals to
drive them. Note that the 16-bit NAND flash is on the EIM bus only.
EIM_DA[4:7] and EIM_DA[12:15] are assigned to top balls and require no PCB connections.
POP_VCCMM
A6, J1
POP_VCCQMM
A9
POP_VCCQMM1
F1
POP_VDD1
A11, A20, B3, N2, N22,AB5, AC20
POP_VDD2
B11, B21, C2, L22, R2, AA2, AB10, AB21
POP_VDDCA
U2, W2, AC8
POP_VDDMM
AC10
POP_VDDQ
B13, B16, B19, D22, G22, K22, R22, V22, AA22, AB13, AB16, AB19
POP_ZQ
P1
Table 116. Additional PCB connections for PoP NAND Flash
Suggested
PCB Net
Name
First i.MX53
I/O on Net
Second
i.MX53 I/O on
Net
Associated
Top Ball
Required for
8-bit NAND
Flash?
Required for 16-bit
NAND Flash?
NANDF_CLE
NANDF_CLE
PATA_DA_0
PATA_DA_0
Yes
Yes
NANDF_D0
EIM_DA10
PATA_DATA0
PATA_DATA0
Yes
Yes
NANDF_D1
EIM_DA2
PATA_DATA1
PATA_DATA1
Yes
Yes
NANDF_D2
EIM_DA11
PATA_DATA2
PATA_DATA2
Yes
Yes
NANDF_D3
EIM_DA3
PATA_DATA3
PATA_DATA3
Yes
Yes
NANDF_D8
EIM_DA8
PATA_DATA8
PATA_DATA8
No
Yes
NANDF_D9
EIM_DA0
PATA_DATA9
PATA_DATA9
No
Yes
NANDF_D10
EIM_DA9
PATA_DATA10
PATA_DATA10
No
Yes
NANDF_D11
EIM_DA1
PATA_DATA11
PATA_DATA11
No
Yes
Table 115. 12 x 12 mm PoP Top Ground, Power, Sense, and Reference Contact Assignments (continued)
Contact Name
Contact Assignment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com