Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX53CEC Datasheet(PDF) 180 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 180 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 176Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 177Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 178Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 179Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 180Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 181Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 182Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 183Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 184Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 204 page
background image
i.MX53xD Applications Processors for Consumer Products, Rev. 2
180
Freescale Semiconductor
Package Information and Contact Assignments
CSI0_DAT16
M1
—
NVCC_CSI
UHVIO
ALT1
gpio6_GPIO[2]
Input
360 K
Ω PD
CSI0_DAT17
N1
—
NVCC_CSI
UHVIO
ALT1
gpio6_GPIO[3]
Input
360 K
Ω PD
CSI0_DAT18
L2
—
NVCC_CSI
UHVIO
ALT1
gpio6_GPIO[4]
Input
360 K
Ω PD
CSI0_DAT19
L1
—
NVCC_CSI
UHVIO
ALT1
gpio6_GPIO[5]
Input
360 K
Ω PD
CSI0_DAT4
T7
—
NVCC_CSI
UHVIO
ALT1
gpio5_GPIO[22]
Input
100 K
Ω PU
CSI0_DAT5
R3
—
NVCC_CSI
UHVIO
ALT1
gpio5_GPIO[23]
Input
360 K
Ω PD
CSI0_DAT6
P7
—
NVCC_CSI
UHVIO
ALT1
gpio5_GPIO[24]
Input
100 K
Ω PU
CSI0_DAT7
N7
—
NVCC_CSI
UHVIO
ALT1
gpio5_GPIO[25]
Input
100 K
Ω PU
CSI0_DAT8
U2
—
NVCC_CSI
UHVIO
ALT1
gpio5_GPIO[26]
Input
100 K
Ω PU
CSI0_DAT9
P3
—
NVCC_CSI
UHVIO
ALT1
gpio5_GPIO[27]
Input
360 K
Ω PD
CSI0_DATA_EN
P6
—
NVCC_CSI
UHVIO
ALT1
gpio5_GPIO[20]
Input
100 K
Ω PU
CSI0_MCLK
T6
—
NVCC_CSI
UHVIO
ALT1
gpio5_GPIO[19]
Input
100 K
Ω PU
CSI0_PIXCLK
U6
—
NVCC_CSI
UHVIO
ALT1
gpio5_GPIO[18]
Input
100 K
Ω PU
CSI0_VSYNC
U7
—
NVCC_CSI
UHVIO
ALT1
gpio5_GPIO[21]
Input
100 K
Ω PU
DI0_DISP_CLK
AF2
—
NVCC_LCD
GPIO
ALT1
gpio4_GPIO[16]
Input
100 K
Ω PU
DI0_PIN15
AH6
—
NVCC_LCD
GPIO
ALT1
gpio4_GPIO[17]
Input
100 K
Ω PU
DI0_PIN2
AD7
—
NVCC_LCD
GPIO
ALT1
gpio4_GPIO[18]
Input
100 K
Ω PU
DI0_PIN3
AC7
—
NVCC_LCD
GPIO
ALT1
gpio4_GPIO[19]
Input
100 K
Ω PU
DI0_PIN4
AC6
—
NVCC_LCD
GPIO
ALT1
gpio4_GPIO[20]
Input
100 K
Ω PU
DISP0_DAT0
AD1
—
NVCC_LCD
GPIO
ALT1
gpio4_GPIO[21]
Input
100 K
Ω PD
DISP0_DAT1
AC3
—
NVCC_LCD
GPIO
ALT1
gpio4_GPIO[22]
Input
100 K
Ω PD
DISP0_DAT10
AG2
—
NVCC_LCD
GPIO
ALT1
gpio4_GPIO[31]
Input
100 K
Ω PU
DISP0_DAT11
AE3
—
NVCC_LCD
GPIO
ALT1
gpio5_GPIO[5]
Input
100 K
Ω PD
DISP0_DAT12
AC1
—
NVCC_LCD
GPIO
ALT1
gpio5_GPIO[6]
Input
100 K
Ω PU
DISP0_DAT13
AH3
—
NVCC_LCD
GPIO
ALT1
gpio5_GPIO[7]
Input
100 K
Ω PU
DISP0_DAT14
AG3
—
NVCC_LCD
GPIO
ALT1
gpio5_GPIO[8]
Input
100 K
Ω PU
DISP0_DAT15
AH4
—
NVCC_LCD
GPIO
ALT1
gpio5_GPIO[9]
Input
100 K
Ω PU
DISP0_DAT16
AG5
—
NVCC_LCD
GPIO
ALT1
gpio5_GPIO[10]
Input
100 K
Ω PU
DISP0_DAT17
AB6
—
NVCC_LCD
GPIO
ALT1
gpio5_GPIO[11]
Input
100 K
Ω PU
DISP0_DAT18
AJ4
—
NVCC_LCD
GPIO
ALT1
gpio5_GPIO[12]
Input
100 K
Ω PU
Table 118. PoP 12 x 12 mm Signal Assignments, Power Rails, and I/O (continued)
Contact Name
Power Rail
I/O Buffer
Type
Out of Reset Condition1
Alt.
Mode
Function
Direct
ion
Config./
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com