Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX53CEC Datasheet(PDF) 181 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 181 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 177Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 178Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 179Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 180Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 181Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 182Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 183Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 184Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 185Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 204 page
background image
Package Information and Contact Assignments
i.MX53xD Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
181
DISP0_DAT19
AA7
—
NVCC_LCD
GPIO
ALT1
gpio5_GPIO[13]
Input
100 K
Ω PU
DISP0_DAT2
AC2
—
NVCC_LCD
GPIO
ALT1
gpio4_GPIO[23]
Input
100 K
Ω PD
DISP0_DAT20
AJ5
—
NVCC_LCD
GPIO
ALT1
gpio5_GPIO[14]
Input
100 K
Ω PU
DISP0_DAT21
AB7
—
NVCC_LCD
GPIO
ALT1
gpio5_GPIO[15]
Input
100 K
Ω PU
DISP0_DAT22
AH5
—
NVCC_LCD
GPIO
ALT1
gpio5_GPIO[16]
Input
100 K
Ω PU
DISP0_DAT23
AJ6
—
NVCC_LCD
GPIO
ALT1
gpio5_GPIO[17]
Input
100 K
Ω PU
DISP0_DAT3
AE2
—
NVCC_LCD
GPIO
ALT1
gpio4_GPIO[24]
Input
100 K
Ω PD
DISP0_DAT4
AF1
—
NVCC_LCD
GPIO
ALT1
gpio4_GPIO[25]
Input
100 K
Ω PD
DISP0_DAT5
AE1
—
NVCC_LCD
GPIO
ALT1
gpio4_GPIO[26]
Input
100 K
Ω PD
DISP0_DAT6
AD2
—
NVCC_LCD
GPIO
ALT1
gpio4_GPIO[27]
Input
100 K
Ω PD
DISP0_DAT7
AG1
—
NVCC_LCD
GPIO
ALT1
gpio4_GPIO[28]
Input
100 K
Ω PD
DISP0_DAT8
AG4
—
NVCC_LCD
GPIO
ALT1
gpio4_GPIO[29]
Input
100 K
Ω PU
DISP0_DAT9
AJ3
—
NVCC_LCD
GPIO
ALT1
gpio4_GPIO[30]
Input
100 K
Ω PU
DRAM_A0
W23
AC6
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_A[0]
Output Low
DRAM_A1
Y23
AB6
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_A[1]
Output Low
DRAM_A10
M28
—
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_A[10]
Output Low
DRAM_A11
J29
—
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_A[11]
Output Low
DRAM_A12
L28
—
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_A[12]
Output Low
DRAM_A13
M27
—
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_A[13]
Output Low
DRAM_A14
L27
—
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_A[14]
Output Low
DRAM_A15
D27
—
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_A[15]
Output Low
DRAM_A2
V23
AC7
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_A[2]
Output Low
DRAM_A3
L23
AB8
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_A[3]
Output Low
DRAM_A4
AA24
AB9
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_A[4]
Output Low
DRAM_A5
M23
W1
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_A[5]
Output Low
DRAM_A6
P23
V2
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_A[6]
Output Low
DRAM_A7
N23
U1
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_A[7]
Output Low
DRAM_A8
M24
T2
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_A[8]
Output Low
DRAM_A9
T23
T1
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_A[9]
Output Low
Table 118. PoP 12 x 12 mm Signal Assignments, Power Rails, and I/O (continued)
Contact Name
Power Rail
I/O Buffer
Type
Out of Reset Condition1
Alt.
Mode
Function
Direct
ion
Config./
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com