Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX53CEC Datasheet(PDF) 185 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 185 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 181Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 182Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 183Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 184Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 185Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 186Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 187Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 188Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 189Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 204 page
background image
Package Information and Contact Assignments
i.MX53xD Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
185
EIM_A23
B3
—
NVCC_EIM_MAIN
UHVIO
ALT0
emi_EIM_A[23]
Output —
EIM_A24
A4
—
NVCC_EIM_MAIN
UHVIO
ALT0
emi_EIM_A[24]
Output —
EIM_A25
A3
—
NVCC_EIM_MAIN
UHVIO
ALT0
emi_EIM_A[25]
Output —
EIM_BCLK
F11
—
NVCC_EIM_MAIN
UHVIO
ALT0
emi_EIM_BCLK
Output —
EIM_CS0
G10
—
NVCC_EIM_MAIN
UHVIO
ALT0
emi_EIM_CS[0]
Output —
EIM_CS1
C4
—
NVCC_EIM_MAIN
UHVIO
ALT0
emi_EIM_CS[1]
Output —
EIM_D16
H1
—
NVCC_EIM_SEC
UHVIO
ALT1
gpio3_GPIO[16]
Input
100 K
Ω PU
EIM_D17
G3
—
NVCC_EIM_SEC
UHVIO
ALT1
gpio3_GPIO[17]
Input
100 K
Ω PU
EIM_D18
H2
—
NVCC_EIM_SEC
UHVIO
ALT1
gpio3_GPIO[18]
Input
100 K
Ω PU
EIM_D19
G2
—
NVCC_EIM_SEC
UHVIO
ALT1
gpio3_GPIO[19]
Input
100 K
Ω PU
EIM_D20
M7
—
NVCC_EIM_SEC
UHVIO
ALT1
gpio3_GPIO[20]
Input
100 K
Ω PU
EIM_D21
H6
—
NVCC_EIM_SEC
UHVIO
ALT1
gpio3_GPIO[21]
Input
100 K
Ω PU
EIM_D22
G1
—
NVCC_EIM_SEC
UHVIO
ALT1
gpio3_GPIO[22]
Input
360 K
Ω PD
EIM_D23
F1
—
NVCC_EIM_SEC
UHVIO
ALT1
gpio3_GPIO[23]
Input
100 K
Ω PU
EIM_D24
F9
—
NVCC_EIM_SEC
UHVIO
ALT1
gpio3_GPIO[24]
Input
100 K
Ω PU
EIM_D25
E1
—
NVCC_EIM_SEC
UHVIO
ALT1
gpio3_GPIO[25]
Input
100 K
Ω PU
EIM_D26
D1
—
NVCC_EIM_SEC
UHVIO
ALT1
gpio3_GPIO[26]
Input
100 K
Ω PU
EIM_D27
C10
—
NVCC_EIM_SEC
UHVIO
ALT1
gpio3_GPIO[27]
Input
100 K
Ω PU
EIM_D28
D2
—
NVCC_EIM_SEC
UHVIO
ALT1
gpio3_GPIO[28]
Input
100 K
Ω PU
EIM_D29
C7
—
NVCC_EIM_SEC
UHVIO
ALT1
gpio3_GPIO[29]
Input
100 K
Ω PU
EIM_D30
C1
—
NVCC_EIM_SEC
UHVIO
ALT1
gpio3_GPIO[30]
Input
100 K
Ω PU
EIM_D31
F7
—
NVCC_EIM_SEC
UHVIO
ALT1
gpio3_GPIO[31]
Input
360 K
Ω PD
EIM_DA0
K1
—
NVCC_EIM_MAIN
UHVIO
ALT0
emi_NAND_EIM_D
A[0]
Input2
100 K
Ω PU
EIM_DA1
G11
—
NVCC_EIM_MAIN
UHVIO
ALT0
emi_NAND_EIM_D
A[1]
Input2
100 K
Ω PU
EIM_DA10
L7
—
NVCC_EIM_MAIN
UHVIO
ALT0
emi_NAND_EIM_D
A[10]
Input2
100 K
Ω PU
EIM_DA11
K7
—
NVCC_EIM_MAIN
UHVIO
ALT0
emi_NAND_EIM_D
A[11]
Input
100 K
Ω PU
EIM_DA12
E2
D1
NVCC_EIM_MAIN
UHVIO
ALT0
emi_NAND_EIM_D
A[12]
Input
100 K
Ω PU
Table 118. PoP 12 x 12 mm Signal Assignments, Power Rails, and I/O (continued)
Contact Name
Power Rail
I/O Buffer
Type
Out of Reset Condition1
Alt.
Mode
Function
Direct
ion
Config./
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com