Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX53CEC Datasheet(PDF) 186 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 186 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 182Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 183Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 184Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 185Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 186Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 187Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 188Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 189Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 190Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 204 page
background image
i.MX53xD Applications Processors for Consumer Products, Rev. 2
186
Freescale Semiconductor
Package Information and Contact Assignments
EIM_DA13
F2
E1
NVCC_EIM_MAIN
UHVIO
ALT0
emi_NAND_EIM_D
A[13]
Input
100 K
Ω PU
EIM_DA14
J2
G1
NVCC_EIM_MAIN
UHVIO
ALT0
emi_NAND_EIM_D
A[14]
Input
100 K
Ω PU
EIM_DA15
K2
H1
NVCC_EIM_MAIN
UHVIO
ALT0
emi_NAND_EIM_D
A[15]
Input
100 K
Ω PU
EIM_DA2
F10
—
NVCC_EIM_MAIN
UHVIO
ALT0
emi_NAND_EIM_D
A[2]
Input2
100 K
Ω PU
EIM_DA3
A8
—
NVCC_EIM_MAIN
UHVIO
ALT0
emi_NAND_EIM_D
A[3]
Input2
100 K
Ω PU
EIM_DA4
E3
D2
NVCC_EIM_MAIN
UHVIO
ALT0
emi_NAND_EIM_D
A[4]
Input2
100 K
Ω PU
EIM_DA5
F3
E2
NVCC_EIM_MAIN
UHVIO
ALT0
emi_NAND_EIM_D
A[5]
Input2
100 K
Ω PU
EIM_DA6
J3
G2
NVCC_EIM_MAIN
UHVIO
ALT0
emi_NAND_EIM_D
A[6]
Input2
100 K
Ω PU
EIM_DA7
K3
H2
NVCC_EIM_MAIN
UHVIO
ALT0
emi_NAND_EIM_D
A[7]
Input2
100 K
Ω PU
EIM_DA8
A10
—
NVCC_EIM_MAIN
UHVIO
ALT0
emi_NAND_EIM_D
A[8]
Input2
100 K
Ω PU
EIM_DA9
K6
—
NVCC_EIM_MAIN
UHVIO
ALT0
emi_NAND_EIM_D
A[9]
Input2
100 K
Ω PU
EIM_EB0
J1
—
NVCC_EIM_MAIN
UHVIO
ALT0
emi_EIM_EB[0]
Output
2
—
EIM_EB1
G7
—
NVCC_EIM_MAIN
UHVIO
ALT0
emi_EIM_EB[1]
Output
2
—
EIM_EB2
J7
—
NVCC_EIM_MAIN
UHVIO
ALT1
gpio2_GPIO[30]
Input
100 K
Ω PU
EIM_EB3
F6
—
NVCC_EIM_MAIN
UHVIO
ALT1
gpio2_GPIO[31]
Input
100 K
Ω PU
EIM_LBA
A5
—
NVCC_EIM_MAIN
UHVIO
ALT0
emi_EIM_LBA
Output
2
—
EIM_OE
A9
—
NVCC_EIM_MAIN
UHVIO
ALT0
emi_EIM_OE
Output —
EIM_RW
H7
—
NVCC_EIM_MAIN
UHVIO
ALT0
emi_EIM_RW
Output —
EIM_WAIT
L6
—
NVCC_EIM_MAIN
UHVIO
ALT0
emi_EIM_WAIT
Output —
EXTAL
G15
—
NVCC_XTAL
ANALOG
—
EXTAL
—
—
FASTR_ANA
AD29
—
NVCC_CKIH
ANALOG
—
FASTR_ANA
—
—
Table 118. PoP 12 x 12 mm Signal Assignments, Power Rails, and I/O (continued)
Contact Name
Power Rail
I/O Buffer
Type
Out of Reset Condition1
Alt.
Mode
Function
Direct
ion
Config./
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com