Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX53CEC Datasheet(PDF) 190 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 190 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 186Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 187Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 188Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 189Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 190Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 191Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 192Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 193Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 194Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 204 page
background image
i.MX53xD Applications Processors for Consumer Products, Rev. 2
190
Freescale Semiconductor
Package Information and Contact Assignments
PATA_DATA11
C9
B7
NVCC_PATA
UHVIO
ALT1
gpio2_GPIO[11]
Input
100 K
Ω PU
PATA_DATA12
Y1
—
NVCC_PATA
UHVIO
ALT1
gpio2_GPIO[12]
Input
100 K
Ω PU
PATA_DATA13
AA1
—
NVCC_PATA
UHVIO
ALT1
gpio2_GPIO[13]
Input
100 K
Ω PU
PATA_DATA14
W1
—
NVCC_PATA
UHVIO
ALT1
gpio2_GPIO[14]
Input
100 K
Ω PU
PATA_DATA15
V1
—
NVCC_PATA
UHVIO
ALT1
gpio2_GPIO[15]
Input
100 K
Ω PU
PATA_DATA2
B6
A5
NVCC_PATA
UHVIO
ALT1
gpio2_GPIO[2]
Input
100 K
Ω PU
PATA_DATA3
C5
B4
NVCC_PATA
UHVIO
ALT1
gpio2_GPIO[3]
Input
100 K
Ω PU
PATA_DATA4
Y2
—
NVCC_PATA
UHVIO
ALT1
gpio2_GPIO[4]
Input
100 K
Ω PU
PATA_DATA5
V3
—
NVCC_PATA
UHVIO
ALT1
gpio2_GPIO[5]
Input
100 K
Ω PU
PATA_DATA6
V2
—
NVCC_PATA
UHVIO
ALT1
gpio2_GPIO[6]
Input
100 K
Ω PU
PATA_DATA7
W2
—
NVCC_PATA
UHVIO
ALT1
gpio2_GPIO[7]
Input
100 K
Ω PU
PATA_DATA8
B12
A10
NVCC_PATA
UHVIO
ALT1
gpio2_GPIO[8]
Input
100 K
Ω PU
PATA_DATA9
B11
B9
NVCC_PATA
UHVIO
ALT1
gpio2_GPIO[9]
Input
100 K
Ω PU
PATA_DIOR
AB3
—
NVCC_PATA
UHVIO
ALT1
gpio7_GPIO[3]
Input
100 K
Ω PU
PATA_DIOW
AA6
—
NVCC_PATA
UHVIO
ALT1
gpio6_GPIO[17]
Input
100 K
Ω PU
PATA_DMACK
Y6
—
NVCC_PATA
UHVIO
ALT1
gpio6_GPIO[18]
Input
100 K
Ω PU
PATA_DMARQ
W6
—
NVCC_PATA
UHVIO
ALT1
gpio7_GPIO[0]
Input
100 K
Ω PU
PATA_INTRQ
V7
—
NVCC_PATA
UHVIO
ALT1
gpio7_GPIO[2]
Input
100 K
Ω PU
PATA_IORDY
B5
A4
NVCC_PATA
UHVIO
ALT1
gpio7_GPIO[5]
Input
100 K
Ω PU
PATA_RESET_B B4
A3
NVCC_PATA
UHVIO
ALT1
gpio7_GPIO[4]
Input
100 K
Ω PU
PMIC_ON_REQ F12
—
NVCC_SRTC_POW
GPIO
ALT0
srtc_SRTCALARM
Output —
PMIC_STBY_R
EQ
G17
—
NVCC_SRTC_POW
GPIO
ALT0
ccm_PMIC_VSTBY
_REQ
Output —
POR_B
AC27
—
NVCC_RESET
LVIO
ALT0
src_POR_B
Input
100 K
Ω PU
RESET_IN_B
AB28
—
NVCC_RESET
LVIO
ALT0
src_RESET_B
Input
100 K
Ω PU
SATA_REFCLK
M
AJ18
—
VPH
ANALOG
—
SATA_REFCLKM
—
—
SATA_REFCLK
P
AH18
—
VPH
ANALOG
—
SATA_REFCLKP
—
—
SATA_REXT
AJ17
—
VPH
ANALOG
—
SATA_REXT
—
—
SATA_RXM
AH16
—
VPH
ANALOG
—
SATA_RXM
—
—
Table 118. PoP 12 x 12 mm Signal Assignments, Power Rails, and I/O (continued)
Contact Name
Power Rail
I/O Buffer
Type
Out of Reset Condition1
Alt.
Mode
Function
Direct
ion
Config./
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com