Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX53CEC Datasheet(PDF) 191 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 191 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 187Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 188Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 189Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 190Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 191Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 192Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 193Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 194Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 195Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 204 page
background image
Package Information and Contact Assignments
i.MX53xD Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
191
SATA_RXP
AJ16
—
VPH
ANALOG
—
SATA_RXP
—
—
SATA_TXM
AH14
—
VPH
ANALOG
—
SATA_TXM
—
—
SATA_TXP
AJ14
—
VPH
ANALOG
—
SATA_TXP
—
—
SD1_CLK
AJ26
—
NVCC_SD1
UHVIO
ALT1
gpio1_GPIO[20]
Input
100 K
Ω PU
SD1_CMD
AH26
—
NVCC_SD1
UHVIO
ALT1
gpio1_GPIO[18]
Input
100 K
Ω PU
SD1_DATA0
AH27
—
NVCC_SD1
UHVIO
ALT1
gpio1_GPIO[16]
Input
100 K
Ω PU
SD1_DATA1
AG25
—
NVCC_SD1
UHVIO
ALT1
gpio1_GPIO[17]
Input
100 K
Ω PU
SD1_DATA2
AH25
—
NVCC_SD1
UHVIO
ALT1
gpio1_GPIO[19]
Input
100 K
Ω PU
SD1_DATA3
AJ25
—
NVCC_SD1
UHVIO
ALT1
gpio1_GPIO[21]
Input
100 K
Ω PU
SD2_CLK
AG19
—
NVCC_SD2
UHVIO
ALT1
gpio1_GPIO[10]
Input
100 K
Ω PU
SD2_CMD
AD21
—
NVCC_SD2
UHVIO
ALT1
gpio1_GPIO[11]
Input
100 K
Ω PU
SD2_DATA0
AH17
—
NVCC_SD2
UHVIO
ALT1
gpio1_GPIO[15]
Input
100 K
Ω PU
SD2_DATA1
AG17
—
NVCC_SD2
UHVIO
ALT1
gpio1_GPIO[14]
Input
100 K
Ω PU
SD2_DATA2
AD17
—
NVCC_SD2
UHVIO
ALT1
gpio1_GPIO[13]
Input
100 K
Ω PU
SD2_DATA3
AG18
—
NVCC_SD2
UHVIO
ALT1
gpio1_GPIO[12]
Input
100 K
Ω PU
TEST_MODE
AA27
—
NVCC_RESET
LVIO
ALT0
tcu_TEST_MODE
Input
100 K
Ω PD
TVCDC_IOB_B
ACK
B23
—
TVDAC_AHVDDRG
B
ANALOG
—
TVCDC_IOB_BACK —
—
TVCDC_IOG_B
ACK
A24
—
TVDAC_AHVDDRG
B
ANALOG
—
TVCDC_IOG_BAC
K
——
TVCDC_IOR_B
ACK
C28
—
TVDAC_AHVDDRG
B
ANALOG
—
TVCDC_IOR_BACK —
—
TVDAC_COMP
A25
—
TVDAC_AHVDDRG
B
ANALOG
—
TVDAC_COMP
—
—
TVDAC_IOB
A23
—
TVDAC_AHVDDRG
B
ANALOG
—
TVDAC_IOB
—
—
TVDAC_IOG
B24
—
TVDAC_AHVDDRG
B
ANALOG
—
TVDAC_IOG
—
—
TVDAC_IOR
C29
—
TVDAC_AHVDDRG
B
ANALOG
—
TVDAC_IOR
—
—
USB_H1_DN
AH21
—
USB_H1_VDDA25,
USB_H1_VDDA33
ANALOG5
0
—
USB_H1_DN
—
—
Table 118. PoP 12 x 12 mm Signal Assignments, Power Rails, and I/O (continued)
Contact Name
Power Rail
I/O Buffer
Type
Out of Reset Condition1
Alt.
Mode
Function
Direct
ion
Config./
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com