Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX53CEC Datasheet(PDF) 184 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 184 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 180Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 181Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 182Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 183Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 184Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 185Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 186Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 187Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 188Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 204 page
background image
i.MX53xD Applications Processors for Consumer Products, Rev. 2
184
Freescale Semiconductor
Package Information and Contact Assignments
DRAM_SDODT
0
L29
—
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_ODT[0] Output Low
DRAM_SDODT
1
H28
—
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_ODT[1] Output Low
DRAM_SDQS0
N29
R23
NVCC_EMI_DRAM
DDR3CLK
ALT0
emi_DRAM_SDQS[
0]
Input
Low
DRAM_SDQS0_
B
P28
P22
NVCC_EMI_DRAM
DDR3CLK
ALT0
emi_DRAM_SDQS_
B[0]
Input
High
DRAM_SDQS1
AE28
AB18
NVCC_EMI_DRAM
DDR3CLK
ALT0
emi_DRAM_SDQS[
1]
Input
Low
DRAM_SDQS1_
B
AE27
AC19
NVCC_EMI_DRAM
DDR3CLK
ALT0
emi_DRAM_SDQS_
B[1]
Input
High
DRAM_SDQS2
G28
J22
NVCC_EMI_DRAM
DDR3CLK
ALT0
emi_DRAM_SDQS[
2]
Input
Low
DRAM_SDQS2_
B
G29
K23
NVCC_EMI_DRAM
DDR3CLK
ALT0
emi_DRAM_SDQS_
B[2]
Input
High
DRAM_SDQS3
C22
B18
NVCC_EMI_DRAM
DDR3CLK
ALT0
emi_DRAM_SDQS[
3]
Input
Low
DRAM_SDQS3_
B
C21
A19
NVCC_EMI_DRAM
DDR3CLK
ALT0
emi_DRAM_SDQS_
B[3]
Input
High
DRAM_SDWE
K29
—
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_SDWE
Output High
ECKIL
G14
—
NVCC_SRTC_POW
ANALOG
ECKIL
—
—
EIM_A16
A7
—
NVCC_EIM_MAIN
UHVIO
ALT0
emi_EIM_A[16]
Output
2
—
EIM_A17
G8
—
NVCC_EIM_MAIN
UHVIO
ALT0
emi_EIM_A[17]
Output
2
—
EIM_A18
F8
—
NVCC_EIM_MAIN
UHVIO
ALT0
emi_EIM_A[18]
Output
2
—
EIM_A19
A6
—
NVCC_EIM_MAIN
UHVIO
ALT0
emi_EIM_A[19]
Output
2
—
EIM_A20
B7
—
NVCC_EIM_MAIN
UHVIO
ALT0
emi_EIM_A[20]
Output
2
—
EIM_A21
C6
—
NVCC_EIM_MAIN
UHVIO
ALT0
emi_EIM_A[21]
Output
2
—
EIM_A22
C2
—
NVCC_EIM_MAIN
UHVIO
ALT0
emi_EIM_A[22]
Output
2
—
Table 118. PoP 12 x 12 mm Signal Assignments, Power Rails, and I/O (continued)
Contact Name
Power Rail
I/O Buffer
Type
Out of Reset Condition1
Alt.
Mode
Function
Direct
ion
Config./
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com