Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX53CEC Datasheet(PDF) 182 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 182 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 178Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 179Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 180Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 181Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 182Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 183Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 184Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 185Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 186Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 204 page
background image
i.MX53xD Applications Processors for Consumer Products, Rev. 2
182
Freescale Semiconductor
Package Information and Contact Assignments
DRAM_CALIBR
ATION
R23
—
NVCC_EMI_DRAM
CALIBRATI
ON
DRAM_CALIBRATI
ON
Input
—
DRAM_CAS
AA23
—
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_CAS
Output High
DRAM_CS0
AB23
AB3
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_CS[0]
Output High
DRAM_CS1
J24
AB4
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_CS[1]
Output High
DRAM_D0
T29
W22
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_D[0]
Output High
DRAM_D1
V27
AA23
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_D[1]
Output High
DRAM_D10
AG22
AC13
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_D[10]
Output High
DRAM_D11
AG29
AC17
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_D[11]
Output High
DRAM_D12
AG23
AB14
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_D[12]
Output High
DRAM_D13
AF29
AB15
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_D[13]
Output High
DRAM_D14
AG28
AB12
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_D[14]
Output High
DRAM_D15
AJ27
AC16
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_D[15]
Output High
DRAM_D16
D29
C22
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_D[16]
Output High
DRAM_D17
E29
E23
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_D[17]
Output High
DRAM_D18
D28
D23
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_D[18]
Output High
DRAM_D19
F28
G23
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_D[19]
Output High
DRAM_D2
R29
U22
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_D[2]
Output High
DRAM_D20
F27
F22
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_D[20]
Output High
DRAM_D21
G27
H22
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_D[21]
Output High
DRAM_D22
E28
E22
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_D[22]
Output High
DRAM_D23
F29
H23
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_D[23]
Output High
DRAM_D24
F21
A17
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_D[24]
Output High
DRAM_D25
C19
A14
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_D[25]
Output High
DRAM_D26
G21
B17
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_D[26]
Output High
DRAM_D27
G18
A13
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_D[27]
Output High
DRAM_D28
G20
B15
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_D[28]
Output High
DRAM_D29
F17
B12
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_D[29]
Output High
DRAM_D3
U27
Y22
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_D[3]
Output High
DRAM_D30
F20
A16
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_D[30]
Output High
Table 118. PoP 12 x 12 mm Signal Assignments, Power Rails, and I/O (continued)
Contact Name
Power Rail
I/O Buffer
Type
Out of Reset Condition1
Alt.
Mode
Function
Direct
ion
Config./
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com